Electronic Components Datasheet Search
  English  ▼

X  

A621 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A621
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A621 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A621 Datasheet HTML 4Page - List of Unclassifed Manufacturers A621 Datasheet HTML 5Page - List of Unclassifed Manufacturers A621 Datasheet HTML 6Page - List of Unclassifed Manufacturers A621 Datasheet HTML 7Page - List of Unclassifed Manufacturers A621 Datasheet HTML 8Page - List of Unclassifed Manufacturers A621 Datasheet HTML 9Page - List of Unclassifed Manufacturers A621 Datasheet HTML 10Page - List of Unclassifed Manufacturers A621 Datasheet HTML 11Page - List of Unclassifed Manufacturers A621 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Service options
Opt. D1
Calibration Data Report
Probes and accessories are not covered by the oscilloscope warranty and Service Offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Standard accessories
Accessory
Description
Passive probes, one per channel
TPP0101: 100 MHz passive probe for: TBS1022, TBS1042, TBS1062, TBS1064, TBS1102, and TBS1104
TPP0201: 200 MHz passive probe for: TBS1152 and TBS1154
Power cord
(Please specify plug option)
NIM/NIST
Traceable certificate of calibration
Printed documentation
Installation and safety manual
(English, Japanese, and Simplified Chinese)
CD with customer documentation and
OpenChoice PC communications
software
Customer documentation including detailed user manuals (English, French, German, Italian, Japanese, Korean, Portuguese,
Russian, Simplified Chinese, Spanish, Traditional Chinese)
Software for fast and easy communication between an MS Windows PC and the TBS1000 series using USB to transfer and save
settings, waveforms, measurements, and screen images
Educators Classroom and Lab
Resource CD
Contains lab experiments and primers for both oscilloscopes and probes
5-year warranty
Covers labor and parts for defects in materials and workmanship for 5 years, excluding probes and accessories (probes and
accessories are not covered by the oscilloscope warranty and service offerings. refer to the data sheet of each probe and
accessory model for its unique warranty and calibration terms)
Datasheet
10 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com