Electronic Components Datasheet Search
  English  ▼

X  

A621 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A621
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A621 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A621 Datasheet HTML 2Page - List of Unclassifed Manufacturers A621 Datasheet HTML 3Page - List of Unclassifed Manufacturers A621 Datasheet HTML 4Page - List of Unclassifed Manufacturers A621 Datasheet HTML 5Page - List of Unclassifed Manufacturers A621 Datasheet HTML 6Page - List of Unclassifed Manufacturers A621 Datasheet HTML 7Page - List of Unclassifed Manufacturers A621 Datasheet HTML 8Page - List of Unclassifed Manufacturers A621 Datasheet HTML 9Page - List of Unclassifed Manufacturers A621 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Input/Output ports
USB interface
USB host port on front panel supports USB flash drives USB device port on back of instrument supports connection to PC and all
PictBridge®-compatible printers
GPIB interface
Optional
Data storage
Nonvolatile storage
Reference waveform display
2.5K point reference waveforms
Waveform storage without
USB flash drive
2.5K point
Maximum USB flash drive size 64 GB
Waveform storage with USB
flash drive
96 or more reference waveforms per 8 MB
Setups without USB flash
drive
10 front-panel setups
Setups with USB flash drive
4000 or more front-panel setups per 8 MB
Screen images with USB flash
drive
128 or more screen images per 8 MB (the number of images depends on file format selected)
Save All with USB flash drive
12 or more Save All operations per 8 MB
A single Save All operation creates 3 to 9 files (setup, image, plus one file for each displayed waveform)
Acquisition system
Acquisition modes
Peak Detect
High-frequency and random glitch capture. Captures glitches as narrow as 12 ns (typical) at all time base settings from 5 μs/div to
50 s/div
Sample
Sample data only
Average
Waveform averaged, selectable: 4, 16, 64, 128
Single Sequence
Use the Single Sequence button to capture a single triggered acquisition sequence
Roll
At acquisition time base settings of >100 ms/div
Trigger system
External trigger input
Included on all models
Trigger modes
Auto, Normal, Single Sequence
Trigger types
Edge (Rising/Falling)
Conventional level-driven trigger. Positive or negative slope on any channel. Coupling selections: AC, DC, Noise Reject, HF
Reject, LF Reject
Video
Trigger on all lines or individual lines, odd/even or all fields from composite video, or broadcast standards (NTSC, PAL, SECAM)
Pulse Width (or Glitch)
Trigger on a pulse width less than, greater than, equal to, or not equal to, a selectable time limit ranging from 33 ns to 10 s
Trigger source
Two channel models: CH1, CH2, Ext, Ext/5, AC Line
Four channel models: CH1, CH2, CH3, CH4, Ext, Ext/5, AC Line
Trigger view
Displays trigger signal while Trigger View button is depressed.
Trigger signal frequency readout
Provides a frequency readout of the trigger source.
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com