Electronic Components Datasheet Search
  English  ▼

X  

TCP303 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TCP303
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP303 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TCP303 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Physical characteristics
Dimensions
mm
in.
Height
158.0
6.22
Width
326.3
12.85
Depth
124.2
4.89
Shipping dimensions
mm
in.
Height
266.7
10.5
Width
476.2
18.75
Depth
228.6
9.0
Weight
kg
lb.
Instrument only
2.0
4.4
...with accessories
2.2
4.9
RM2000B rackmount
mm
in
Width
482.6
19.0
Height
177.8
7.0
Depth
108.0
4.25
Environmental
Temperature
Operating
0 to +50 ºC
Nonoperating
–40 to +71 ºC
Humidity
Operating and nonoperating
Up to 85% RH at or below +40 ºC
Up to 45% RH up to +50 ºC
Altitude
Operating and nonoperating
Up to 3,000 m (9,843 ft.)
Regulatory
Electromagnetic compatibility Meets Directive 2004/108/EC, EN 61326-2-1 Class A; Australian EMC Framework
Safety
UL61010-1:2004, CSA22.2 No. 61010-1:2004, EN61010-1:2001, IEC61010-1:2001
Datasheet
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com