Electronic Components Datasheet Search
  English  ▼

X  

TCP303 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TCP303
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP303 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TCP303 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ordering information
Models
TBS1022
25 MHz, 2 Ch, 500 MS/s, TFT DSO
TBS1042
40 MHz, 2 Ch, 500 MS/s, TFT DSO
TBS1062
60 MHz, 2 Ch, 1 GS/s, TFT DSO
TBS1064
60 MHz, 4 Ch, 1 GS/s, TFT DSO
TBS1102
100 MHz, 2 Ch, 1 GS/s, TFT DSO
TBS1104
100 MHz, 4 Ch, 1 GS/s, TFT DSO
TBS1152
150 MHz, 2 ch, 1 GS/s, TFT DSO
TBS1154
150 MHz, 4 ch, 1 GS/s, TFT DSO
Language options
Translated front-panel overlays included with their respective user manuals. 2
Language
Description
L0
English (front-panel overlay on instrument)
L1
French (front-panel overlay)
L2
Italian (front-panel overlay)
L3
German (front-panel overlay)
L4
Spanish (front-panel overlay)
L5
Japanese (front-panel overlay)
L6
Portuguese (front-panel overlay)
L7
Simple Chinese (front-panel overlay)
L8
Standard Chinese (front-panel overlay)
L9
Korean (front-panel overlay)
L10
Russian (front-panel overlay)
2
User manuals (PDF) in 11 languages are available on the CD and for download from www.tektronix.com . There are no printed user manuals.
TBS1000 Digital Storage Oscilloscopes
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com