Electronic Components Datasheet Search
  English  ▼

X  

TCP303 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCP303
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP303 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCP303 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Digital Storage Oscilloscopes
TBS1000 Series Datasheet
The TBS1000 Digital Storage Oscilloscope Series provides you with
affordable performance in a compact design. Packed with standard
features - including USB connectivity, 16 automated measurements, limit
testing, data logging, and context-sensitive help - the TBS1000 Series
oscilloscopes help you get more done, in less time.
Key performance specifications
150 MHz, 100 MHz, 60 MHz, 40 MHz and 25 MHz bandwidth models
4 and 2-channel models
Up to 1 GS/s sample rate on all channels
2.5k point record length on all channels
Advanced triggers including pulse width trigger and line-selectable
video trigger
Key features
16 automated measurements, and FFT analysis for simplified
waveform analysis
Built-in waveform limit testing
Automated, extended data logging feature
Autoset and signal auto-ranging
Built-in context-sensitive help
Probe check wizard
Multiple-language user interface
5.7 in. (144 mm) Active TFT Color Display
Small footprint and lightweight - Only 4.9 in. (124 mm) deep and 4.4 lb.
(2 kg)
Connectivity
USB 2.0 host port on the front panel for quick and easy data storage
USB 2.0 device port on rear panel for easy connection to a PC or direct
printing to a PictBridge®-compatible printer
Includes Tektronix OpenChoice® software for connecting your bench
Digital precision for accurate measurements
With up to 150 MHz bandwidth and 1 GS/s maximum sample rate, no other
digital storage oscilloscope offers as much bandwidth and sample rate for
the price. Tektronix proprietary sampling technology provides real-time
sampling with the stated sampling rate on all channels, all the time to
accurately capture your signals. Sampling performance is not reduced
when using multiple channels.
See all the details other oscilloscopes might miss with Tektronix proprietary digital real-
time sampling
The TBS1000 Digital Oscilloscope Series is especially well suited to meet
the needs of today's schools and universities. Packed with features and
built-in tools, the TBS1000 is easy to learn and simple to operate - ideal for
first-time oscilloscope users and students. Featuring the same user
interface as the Tektronix TDS Oscilloscope Family, your students will learn
to operate the world's most popular oscilloscope platform, with over
500,000 oscilloscopes in operation worldwide.
www.tektronix.com 1


Similar Part No. - TCP303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCP303 ETC2-TCP303 Datasheet
257Kb / 6P
AC/DC Current Measurement Systems
logo
TEKTRONIX, INC.
TCP303 TEKTRONIX-TCP303 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
TCP303 TEKTRONIX-TCP303 Datasheet
711Kb / 12P
Digital Phosphor Oscilloscopes
TCP303 TEKTRONIX-TCP303 Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC
TCP303 KEITHLEY-TCP303 Datasheet
245Kb / 7P
AC/DC Current Measurement Systems
3 Feb 2025
More results

Similar Description - TCP303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com