Electronic Components Datasheet Search
  English  ▼

X  

MP62341DH Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP62341DH
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62341DH Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP62341DH Datasheet HTML 1Page - Monolithic Power Systems MP62341DH Datasheet HTML 2Page - Monolithic Power Systems MP62341DH Datasheet HTML 3Page - Monolithic Power Systems MP62341DH Datasheet HTML 4Page - Monolithic Power Systems MP62341DH Datasheet HTML 5Page - Monolithic Power Systems MP62341DH Datasheet HTML 6Page - Monolithic Power Systems MP62341DH Datasheet HTML 7Page - Monolithic Power Systems MP62341DH Datasheet HTML 8Page - Monolithic Power Systems MP62341DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP62340/MP62341 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62340/MP62341 Rev.1.0
www.MonolithicPower.com
4
12/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8
MSOP8E
Name
Description
1
GND,
Exposed Pad
(MSOP8E
Ground. MSOP8E includes exposed pad. Connect to GND plane for optimal thermal
operation.
2
IN
Input Voltage. Accepts 2.7V to 5.5V input.
3
EN1
Active Low: (MP62340), Active High: (MP62341)
4
EN2
Active Low: (MP62340), Active High: (MP62341)
5
FLAG2
IN-to-OUT2 Over-current, active-low output flag. Open-Drain.
6
OUT2
IN-to-OUT2 Power-Distribution Switch Output.
7
OUT1
IN-to-OUT1 Power-Distribution Switch Output
8
FLAG1
IN-to-OUT1 Over-current, active-low output flag. Open-Drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com