Electronic Components Datasheet Search
  English  ▼

X  

MP62341DH Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP62341DH
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62341DH Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP62341DH Datasheet HTML 4Page - Monolithic Power Systems MP62341DH Datasheet HTML 5Page - Monolithic Power Systems MP62341DH Datasheet HTML 6Page - Monolithic Power Systems MP62341DH Datasheet HTML 7Page - Monolithic Power Systems MP62341DH Datasheet HTML 8Page - Monolithic Power Systems MP62341DH Datasheet HTML 9Page - Monolithic Power Systems MP62341DH Datasheet HTML 10Page - Monolithic Power Systems MP62341DH Datasheet HTML 11Page - Monolithic Power Systems MP62341DH Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP62340/MP62341 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62340/MP62341 Rev. 1.0
www.MonolithicPower.com
11
12/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
MSOP8E (EXPOSED PAD)
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS
IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.004" INCHES MAX.
5) PIN 1 IDENTIFICATION HAS HALF OR FULL CIRCLE OPTION.
6) DRAWING MEETS JEDEC MO-187, VARIATION AA-T.
7) DRAWING IS NOT TO SCALE.
0.030(0.75)
0.037(0.95)
0.043(1.10)MAX
0.002(0.05)
0.006(0.15)
FRONT VIEW
SEATING PLANE
PIN 1 ID
(NOTE 5)
0.114(2.90)
0.122(3.10)
0.187(4.75)
0.199(5.05)
1
4
5
8
0.010(0.25)
0.014(0.35)
0.0256(0.65)BSC
0.114(2.90)
0.122(3.10)
TOP VIEW
0.004(0.10)
0.008(0.20)
SIDE VIEW
GAUGE PLANE
0.010(0.25)
0.016(0.40)
0.026(0.65)
0o-6o
RECOMMENDED LAND PATTERN
0.016(0.40)
0.0256(0.65)BSC
0.100(2.54)
0.181(4.60)
0.075(1.90)
0.040(1.00)
Exposed Pad
BOTTOM VIEW
0.087(2.20)
0.099(2.50)
0.062(1.58)
0.074(1.88)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com