Electronic Components Datasheet Search
  English  ▼

X  

MP62341DH Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP62341DH
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62341DH Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP62341DH Datasheet HTML 4Page - Monolithic Power Systems MP62341DH Datasheet HTML 5Page - Monolithic Power Systems MP62341DH Datasheet HTML 6Page - Monolithic Power Systems MP62341DH Datasheet HTML 7Page - Monolithic Power Systems MP62341DH Datasheet HTML 8Page - Monolithic Power Systems MP62341DH Datasheet HTML 9Page - Monolithic Power Systems MP62341DH Datasheet HTML 10Page - Monolithic Power Systems MP62341DH Datasheet HTML 11Page - Monolithic Power Systems MP62341DH Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP62340/MP62341 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62340/MP62341 Rev.1.0
www.MonolithicPower.com
9
12/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DETAILED DESCRIPTION
Over Current
When the load exceeds trip current (minimum
threshold current triggering constant-current
mode) or a short is present, MP62340/MP62341
switches into to a constant-current mode (current
limit value). MP62340/MP62341 will be shutdown
only if the over current condition stays long
enough to trigger thermal protection.
Trigger over current protection for different
overload conditions occurring in applications:
1) The output has been shorted or overloaded
before the device is enabled or input applied.
MP62340/MP62341 detects the short or
overload and immediately switches into a
constant-current mode.
2) A short or an overload occurs after the device
is enabled. After the current-limit circuit has
been tripped (reached the trip current
threshold), the device switches into constant-
current mode. However, high current may
flow for a short period of time before the
current-limit circuit can react.
3)Output current has been gradually increased
beyond the recommended operating current.
The load current rises until the trip current
threshold is reached or until the thermal limit
of the device is exceeded. MP62340/
MP62341 is capable of delivering current up
to the trip current threshold without damaging
the device. Once the trip threshold has been
reached, the device switches into its constant-
current mode.
Flag Response
The FLAG pin is an open drain configuration.
This FAULT will report a fail mode after an 8ms
deglitch timeout. This is used to ensure that no
false fault signals are reported. This internal
deglitch circuit eliminates the need for extend
components. The FLAG pin is not deglitched
during an over temp. or voltage lockout.
Thermal Protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow and heating the junction. The die temp. is
internally monitored until the thermal limit is
reached. Once this temp. is reached, the switch
will turn off and allow the chip to cool. The switch
has a built-in hysteresis.
Under-voltage Lockout (UVLO)
This circuit is used to monitor the input voltage to
ensure that the MP62340/MP62341 is operating
correctly. This UVLO circuit also ensures that
there is no operation until the input voltage
reaches the minimum spec.
Enable
The logic pin disables the chip to reduce the
supply current. The device will operate once the
enable signal reaches the appropriate level. The
input is compatible with both COMS and TTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com