Electronic Components Datasheet Search
  English  ▼

X  

MPQ2128 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ2128
Description  2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2128 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ2128 Datasheet HTML 1Page - Monolithic Power Systems MPQ2128 Datasheet HTML 2Page - Monolithic Power Systems MPQ2128 Datasheet HTML 3Page - Monolithic Power Systems MPQ2128 Datasheet HTML 4Page - Monolithic Power Systems MPQ2128 Datasheet HTML 5Page - Monolithic Power Systems MPQ2128 Datasheet HTML 6Page - Monolithic Power Systems MPQ2128 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MPQ2128 – 3MHz, 1A, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ2128 Rev. 1.1
www.MonolithicPower.com
5
4/1/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
Name
Description
8
EN
Enable. Drive EN above 1.6V to turn on the part. Drive EN below 0.4V to turn it off.
2,4
GND
Ground.
5,6
SW
Power Switch Output. Connect an inductor to the drains of the internal PFET and NFET
switches.
3
IN
Supply. Bypass to GND with a
≥4.7µF ceramic capacitor.
1
FB
Feedback. Connect to the tap of the external resistor divider. The regulated feedback voltage
is 0.6V.
Exposed
Pad
BLOCK DIAGRAM
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com