Electronic Components Datasheet Search
  English  ▼

X  

MPQ2128 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ2128
Description  2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2128 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MPQ2128 Datasheet HTML 1Page - Monolithic Power Systems MPQ2128 Datasheet HTML 2Page - Monolithic Power Systems MPQ2128 Datasheet HTML 3Page - Monolithic Power Systems MPQ2128 Datasheet HTML 4Page - Monolithic Power Systems MPQ2128 Datasheet HTML 5Page - Monolithic Power Systems MPQ2128 Datasheet HTML 6Page - Monolithic Power Systems MPQ2128 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MPQ2128 – 3MHz, 1A, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ2128 Rev. 1.1
www.MonolithicPower.com
6
4/1/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
FUNCTIONAL DESCRIPTION
MPQ2128
is
a
3MHz,
constant
frequency,
current-mode, PWM, step-down converter. The
device integrates both a main switch and a
synchronous
rectifier,
which
provides
high
efficiency and eliminates the need for an external
Schottky diode. It is ideal for powering portable
equipment that runs from a single Li-lon or Li-
Polymer battery.
The MPQ2128 can achieve 100% duty cycle.
The duty cycle, D, of the step-down converter is
defined as:
OUT
ON
OSC
IN
V
D
t
f
100%
100%
V
=
××
≈
×
Where,
τ
ON: Main Switch ON time
fOSC: Switching frequency (3MHz)
VOUT: Output voltage
VIN: Input voltage
Peak-Current –Mode PWM Control
Slope-compensated, current-mode, PWM control
provides stable switching and cycle-by-cycle
current
limiting
for
superior
load
and
line
response, and protects the internal main switch
and
synchronous
rectifier.
The
MPQ2128
switches at a constant frequency (3MHz) and
regulates the output voltage. During each cycle
the PWM comparator modulates the power
transferred to the load by changing the inductor
peak current based on the feedback error
voltage.
During normal operation, the main switch turnS
on to ramp-up the inductor current with each
rising edge of the internal oscillator, and switches
off when the peak inductor current rises above
the error voltage.
When the main switch is off, the synchronous
rectifier turns on immediately and remains on
until the next cycle starts.
Dropout Operation
The MPQ2128 allows the main switch to remain
on for more than one switching cycle and
increases the duty cycle while the input voltage
drops down to the output voltage. When the duty
cycle reaches 100%, the main switch is held ON
to deliver current to the output up to the PFET
current limit. The output voltage is then the
difference between the input voltage and the
voltage drop across the main switch and the
inductor.
Short-Circuit Protection
The MPQ2128 has short-circuit protection. When
the output is shorted to ground, the oscillator
frequency reduces to prevent the inductor current
from increasing beyond the PFET current limit.
The PFET current limit also drops to lower the
short-circuit current. The frequency and current
limit return to their normal values once the short
circuit condition is removed and the feedback
voltage reaches 0.6V.
Maximum Load Current
The MPQ2128 can operate at an input voltage as
low as 2.5V. However the maximum load current
decreases with the lower input due to a large
voltage
drop
across
the
main
switch
and
synchronous rectifier. The slope compensation
signal reduces the peak inductor current as a
function of the duty cycle to prevent sub-
harmonic oscillations at duty cycles greater than
50%. Conversely the current limit increases as
the duty cycle decreases.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com