Electronic Components Datasheet Search
  English  ▼

X  

MPQ2128 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2128
Description  2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2128 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2128 Datasheet HTML 1Page - Monolithic Power Systems MPQ2128 Datasheet HTML 2Page - Monolithic Power Systems MPQ2128 Datasheet HTML 3Page - Monolithic Power Systems MPQ2128 Datasheet HTML 4Page - Monolithic Power Systems MPQ2128 Datasheet HTML 5Page - Monolithic Power Systems MPQ2128 Datasheet HTML 6Page - Monolithic Power Systems MPQ2128 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPQ2128
2.5V-to-6V Input, 3MHz, 1A
Synchronous, Step-Down Converter
Available in AEC-Q100
MPQ2128 Rev. 1.1
www.MonolithicPower.com
1
4/1/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
`DESCRIPTION
The MPQ2128 is a 3MHz, constant-frequency,
current-mode, PWM, step-down converter. It
has an integrated main switch and synchronous
rectifier that make it ideal for low-voltage
conversions.
The MPQ2128 can supply up to 1A load current
from a 2.5V-to-6V input voltage. The output
voltage can go as low as 0.6V.
Additional features include <1
μA shutdown
current, internal soft-start, cycle-by-cycle over-
current protection, short-circuit protection, and
thermal shutdown.
The MPQ2128 is available in a 2mm×2mm 8-
pin QFN package.
FEATURES
• Meets Automotive Requirements
• Highly Efficient: Up to 95%
• 3MHz Constant-Switching Frequency
• 1A Available Load Current
• 2.5V-to-6V Input Voltage Range
• Output Voltage as Low as 0.6V
• Current-Mode Control
• Cycle-by-Cycle Over-Current Protection
• Short-Circuit Protection
• Thermal Shutdown
• <
1μA Shutdown Current
• Internal Soft-Start
• QFN8 (2mm×2mm) Package
• AEC-Q100 Qualified
APPLICATIONS
• Industrial/Automotive
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ2128

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MPQ2122GJ MPS-MPQ2122GJ Datasheet
568Kb / 17P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
More results

Similar Description - MPQ2128

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Monolithic Power System...
MP2128 MPS-MP2128 Datasheet
330Kb / 8P
2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
MP2136 MPS-MP2136 Datasheet
868Kb / 11P
2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561 MPS-MPQ4561 Datasheet
1Mb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561-AEC1 MPS-MPQ4561-AEC1 Datasheet
1,010Kb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPM3805A MPS-MPM3805A Datasheet
1Mb / 20P
6V Input, 0.6A Module, Synchronous, Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
MPM3810A MPS-MPM3810A Datasheet
660Kb / 19P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com