Electronic Components Datasheet Search
  English  ▼

X  

TLA7SA08 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TLA7SA08
Description  Tektronix PCI Express Logic Protocol Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7SA08 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TLA7SA08 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
General specifications
Acquisition rate with frequency
margin
8 GT/s (+5% to -10%)
5 GT/s (±10%)
1.5 GT/s (±10%)
Number of lanes
TLA7SA08
8 differential inputs, x4
TLA7SA16
16 differential inputs, x8
Record length
160 M symbols translates into 160 ms at 8 GT/s, 320 ms at 5 GT/s, or 640 ms at 2.5 GT/s at 100% bus utilization.
TLA7SA08
160 M symbols per differential input, 4 GB physical memory total
TLA7SA16
160 M symbols per differential input, 8 GB physical memory total (16 GB physical memory for a x16 configuration)
Time stamp range
292 hours
Time stamp
50 bits at 936 ps resolution
Clocking/acquisition modes
TLA module without SSC
(spread spectrum clocking)
External reference clock
100 MHz ±10% with or without SSC
External reference clock
frequency tolerance
±300 ppm
Number of mainframe instrument
slots required per TLA series
module
2
Module configuration requirements
Bi-directional link widths per
module
Module
X1
X4
X8
X16
TLA7SA08
1
1
0
0
TLA7SA16
1
1
1
2
Input specifications (with P67SA00 series probes)
Capacitive loading
Please refer to the specifications in the Tektronix Logic Analyzer Solutions for PCI Express 3.0 manual, Tektronix part number,
077-0400-xx.
Minimum data eye
Please refer to the specifications in the Tektronix Logic Analyzer Solutions for PCI Express 3.0 manual, Tektronix part number,
077-0400-xx.
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com