Electronic Components Datasheet Search
  English  ▼

X  

TLA7SA08 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TLA7SA08
Description  Tektronix PCI Express Logic Protocol Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7SA08 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TLA7SA08 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 11Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Number of symbols per sequence
recognizer
16
Number of link event recognizers
4
Number of global counters/timers
4
Trigger event types
Anything, TLP, DLLP, Sequence, Link Event, Counter, Timer
Trigger action types
Trigger, Trigger All Modules, Wait for System Trigger, Goto, Increment Counter, Decrement Counter, Reset Counter, Start Timer,
Reset Timer, Reset and Start Timer, Stop Timer, Reset and Stop Timer, Set Signal Out, Clear Signal Out, Arm Module, Start
Storage, Stop Storage, Do Nothing
Counter/timer range
48 bit (~5 days with 3.6 ns resolution)
Counter/timer test latency
68 ns
Storage control (data qualification) By state (start/stop)
Physical characteristics
Dimensions
Height
262 mm (10.3 in.)
Width
61 mm (2.4 in.)
Depth
381 mm (15.0 in.)
TLA7SA08 weight
Net
2.84 kg (6.25 lb.)
Shipping
6.94 kg (15.3 lb.)
TLA7SA16 weight
Net
3.20 kg (7.06 lb.)
Shipping
7.30 kg (16.1 lb.)
PCI Express midbus differential data probes
General
Characteristic
P67SA08
P67SA16
P67SA08G2
P67SA16G2
Number of differential
pairs
8
16
8
16
Lane width
x4
x8
x4
x8
Recommended use
Recommended where
signal integrity is critical
Recommended where
signal integrity is critical
Recommended for
midbus probing of PCIe
Gen2
Recommended for
midbus probing of PCIe
Gen2
Attachment to target
system
Compression technology Compression technology -
-
Probe loading AC/DC
Refer to the Tektronix Logic Protocol Analyzer Solutions for PCI Express 3.0 Instruction manual,
Tektronix part number 077-0400-xx.
Cable length
1.8 m (6 ft.)
Midbus probe recommended
configurations
x1
x4
x8
x16
1 P67SA08
1 TLA7SA08
1 P67SA08
1 TLA7SA08
1 P67SA16
1 TLA7SA16
2 P67SA16
2 TLA7SA16
Datasheet
Trigger system
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com