Electronic Components Datasheet Search
  English  ▼

X  

TLA7SA08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TLA7SA08
Description  Tektronix PCI Express Logic Protocol Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7SA08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TLA7SA08 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Acquisition system (with P67SA00 series probes)
Dynamic link width switch latency Consumes up to 48 symbols (typical)
Dynamic link rate switch latency
<200 ns EIDLE time (typical) (with either internal reference clock or spread spectrum using external reference clock)
Maximum time to change to
Gen1 rate
2 TS1
Maximum time to change to
Gen2 rate
1 EIEOS + 3 TS1
Maximum time to change to
Gen3 rate
1 EIEOS + 6 TS1
Number of FTS packets required to
resync following L0s exit
Assumes an EIDLE ranging from 20 ns to 2 ms, with either internal reference clock or spread spectrum using external reference
clock
Gen1
4 FTS (typical)
Gen2
1 EIEOS + 6 FTS (typical)
Gen3
1 EIEOS + 4 FTS (typical)
Filter specifications
Ordered sets
TS1, TS2, SKP, EIOS, FTS, EIEOS, SDS
DLLPs
Ack, Nak, PM, Vendor specific, FC1, FC2, UpdateFC
TLPs
MRd, MRdL, MWr, IORd, IOWr, CfgRd0, CfgWr0, CfgRd1, CfgWr1, Msg, MsgD, Cpl, CplD, CPlLk, CPlDLk, FetchAdd, Swap,
CAS, LPrfx, EPrfx
Trigger system
Independent Trigger states
8
Trigger sequence rate
Operates at symbol rate time (Gen1, Gen2, Gen3)
Maximum independent If/Then
clauses per state
8
Maximum number of events per If/
Then clause
8
Maximum number of actions per If/
Then clause
8
Maximum number of event
counters per state
2
Event counter range
31 bit
Number of TLP packet recognizers
per link direction
4
Number of DLLP packet
recognizers per link direction
4
Number of sequence recognizers
4
TLA7SA00 Logic Protocol Analyzer Datasheet
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com