Electronic Components Datasheet Search
  English  ▼

X  

AD9203 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9203
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9203 Datasheet HTML 2Page - Analog Devices AD9203 Datasheet HTML 3Page - Analog Devices AD9203 Datasheet HTML 4Page - Analog Devices AD9203 Datasheet HTML 5Page - Analog Devices AD9203 Datasheet HTML 6Page - Analog Devices AD9203 Datasheet HTML 7Page - Analog Devices AD9203 Datasheet HTML 8Page - Analog Devices AD9203 Datasheet HTML 9Page - Analog Devices AD9203 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9203
Rev. B | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DFS
OTR
(MSB) D9
D8
D7
D6
D5
DRVSS
DRVDD
(LSB) D0
D1
D4
D3
D2
CLK
3-STATE
STBY
REFSENSE
CLAMP
CLAMPIN
PWRCON
AD9203
TOP VIEW
(Not to Scale)
AVDD
AVSS
AINN
AINP
REFTF
VREF
REFBF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin
Name
Description
1
DRVSS
Digital Ground.
2
DRVDD
Digital Supply.
3
D0
Bit 0, Least Significant Bit.
4
D1
Bit 1.
5
D2
Bit 2.
6
D3
Bit 3.
7
D4
Bit 4.
8
D5
Bit 5.
9
D6
Bit 6.
10
D7
Bit 7.
11
D8
Bit 8.
12
D9
Bit 9, Most Significant Bit.
13
OTR
Out-of-Range Indicator.
14
DFS
Data Format Select HI: Twos Complement; LO: Straight Binary.
15
CLK
Clock Input.
16
3-STATE
HI: High Impedance State Output; LO: Active Digital Output Drives.
17
STBY
HI: Power-Down Mode; LO: Normal Operation.
18
REFSENSE
Reference Select.
19
CLAMP
HI: Enable Clamp; LO: Open Clamp.
20
CLAMPIN
Clamp Signal Input.
21
PWRCON
Power Control Input.
22
REFTF
Top Reference Decoupling.
23
VREF
Reference In/Out.
24
REFBF
Bottom Reference Decoupling.
25
AINP
Noninverting Analog Input.
26
AINN
Inverting Analog Input.
27
AVSS
Analog Ground.
28
AVDD
Analog Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com