Electronic Components Datasheet Search
  English  ▼

X  

AD9203 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9203
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203 Datasheet(HTML) 2 Page - Analog Devices

  AD9203 Datasheet HTML 1Page - Analog Devices AD9203 Datasheet HTML 2Page - Analog Devices AD9203 Datasheet HTML 3Page - Analog Devices AD9203 Datasheet HTML 4Page - Analog Devices AD9203 Datasheet HTML 5Page - Analog Devices AD9203 Datasheet HTML 6Page - Analog Devices AD9203 Datasheet HTML 7Page - Analog Devices AD9203 Datasheet HTML 8Page - Analog Devices AD9203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD9203
Rev. B | Page 2 of 28
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Characteristics .............................................................. 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Terminology ...................................................................................... 7
Typical Performance Characteristics ............................................. 8
Operations ....................................................................................... 11
Theory of Operation .................................................................. 11
Operational Modes..................................................................... 11
Input and Reference Overview ................................................. 12
Internal Reference Connection ................................................ 12
External Reference Operation .................................................. 13
Clamp Operation........................................................................ 13
Driving the Analog Input.......................................................... 13
Op Amp Selection Guide .......................................................... 14
Differential Mode of Operation ............................................... 15
Power Control............................................................................. 16
Interfacing to 5 V Systems ........................................................ 16
Clock Input and Considerations .............................................. 16
Digital Inputs and Outputs ....................................................... 16
Applications..................................................................................... 18
Direct IF Down Conversion ..................................................... 18
Ultrasound Applications ........................................................... 19
Evaluation Board ............................................................................ 20
Outline Dimensions ....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
8/04—Data sheet changed from Rev. A to Rev. B
Changes to Table 5.......................................................................... 16
4/01—Data sheet changed from Rev. 0 to Rev. A
Updated Format..................................................................Universal
Changes to TPC 2 ............................................................................. 8
Added Figures 41 to 46 .................................................................. 23
7/99—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com