Electronic Components Datasheet Search
  English  ▼

X  

AD9203 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9203
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9203 Datasheet HTML 5Page - Analog Devices AD9203 Datasheet HTML 6Page - Analog Devices AD9203 Datasheet HTML 7Page - Analog Devices AD9203 Datasheet HTML 8Page - Analog Devices AD9203 Datasheet HTML 9Page - Analog Devices AD9203 Datasheet HTML 10Page - Analog Devices AD9203 Datasheet HTML 11Page - Analog Devices AD9203 Datasheet HTML 12Page - Analog Devices AD9203 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD9203
Rev. B | Page 9 of 28
N–1
N
N+1
CODE
1.2E+07
1.0E+07
8.0E+06
4.0E+06
6.0E+06
0.0E+00
2.0E+06
4560
10310
10000000
Figure 10. Grounded Input Histogram
40
80
85
70
65
60
55
50
45
0
102030405060
SAMPLE RATE (MSPS)
–THD
SNR
Figure 11. SNR and THD vs. Sample Rate (fIN = 20 MHz)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
800
900
1024
Figure 12. Typical INL Performance
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
800
900
1024
Figure 13. Typical DNL Performance
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0E+0
2.5E+6
5.0E+6
7.5E+6
10.0E+6 12.5E+6 15.0E+6 17.5E+6 20.0E+6
SNR = 59.9dB
THD = –75dB
SFDR = 82dB
Figure 14. Single Tone Frequency Domain Performance (Input Frequency =
10 MHz, Sample Rate = 40 MSPS 2 V Differential Input, 8192 Point FFT)
50
75
70
65
60
55
80
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
–THD
SNR
Figure 15. SNR and THD vs. Power Supply
(fIN = 20 MHz, Sample Rate = 40 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com