Electronic Components Datasheet Search
  English  ▼

X  

AM28F010 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM28F010
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM28F010 Datasheet HTML 22Page - Advanced Micro Devices AM28F010 Datasheet HTML 23Page - Advanced Micro Devices AM28F010 Datasheet HTML 24Page - Advanced Micro Devices AM28F010 Datasheet HTML 25Page - Advanced Micro Devices AM28F010 Datasheet HTML 26Page - Advanced Micro Devices AM28F010 Datasheet HTML 27Page - Advanced Micro Devices AM28F010 Datasheet HTML 28Page - Advanced Micro Devices AM28F010 Datasheet HTML 29Page - Advanced Micro Devices AM28F010 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
Am28F010
SWITCHING TEST WAVEFORMS
SWITCHING CHARACTERISTICS over operating range unless otherwise specified
AC Characteristics—Read Only Operation
Notes:
1. Guaranteed by design; not tested.
2. Not 100% tested.
Parameter
Symbols
Am28F010 Speed Options
JEDEC
Standard Parameter Description
-70
-90
-120
-150
-200
Unit
tAVAV
tRC
Read Cycle Time (Note 2)
Min
70
90
120
150
200
ns
tELQV
tCE
Chip Enable AccessTime
Max
70
90
120
150
200
ns
tAVQV
tACC
Address Access Time
Max
70
90
120
150
200
ns
tGLQV
tOE
Output Enable Access Time
Max
3535505555
ns
tELQX
tLZ
Chip Enable to Output in Low Z (Note 2)
Min
00000
ns
tEHQZ
tDF
Chip Disable to Output in High Z (Note 1)
Max
20
20
30
35
35
ns
tGLQX
tOLZ
Output Enable to Output in Low Z (Note 2)
Min
00000
ns
tGHQZ
tDF
Output Disable to Output in High Z (Note 2)
Max
20
20
30
35
35
ns
tAXQX
tOH
Output Hold from first of Address, CE#, or
OE# Change (Note 2)
Min
00000
ns
tWHGL
Write Recovery Time before Read
Min
66666
µs
tVCS
VCC Setup Time to Valid Read (Note 2)
Min
50
50
50
50
50
µs
11559H-15
3 V
0 V
Input
Output
1.5 V
1.5 V
Test Points
AC Testing for -70 devices: Inputs are driven at 3.0 V for a
logic “1” and 0 V for a logic “0”. Input pulse rise and fall times
are
≤10 ns.
2.4 V
0.45 V
Input
Output
Test Points
2.0 V
2.0 V
0.8 V
0.8 V
AC Testing (all speed options except -70): Inputs are driven at
2.4 V for a logic “1” and 0.45 V for a logic “0”. Input pulse rise
and fall times are
≤10 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com