Electronic Components Datasheet Search
  English  ▼

X  

AM28F010 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM28F010
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM28F010 Datasheet HTML 1Page - Advanced Micro Devices AM28F010 Datasheet HTML 2Page - Advanced Micro Devices AM28F010 Datasheet HTML 3Page - Advanced Micro Devices AM28F010 Datasheet HTML 4Page - Advanced Micro Devices AM28F010 Datasheet HTML 5Page - Advanced Micro Devices AM28F010 Datasheet HTML 6Page - Advanced Micro Devices AM28F010 Datasheet HTML 7Page - Advanced Micro Devices AM28F010 Datasheet HTML 8Page - Advanced Micro Devices AM28F010 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
Am28F010
minutes required for EPROM erasure using ultra-violet
light are eliminated.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as inputs to an internal state-machine
which controls the erase and programming circuitry.
During write cycles, the command register internally
latches address and data needed for the programming
and erase operations. For system design simplifica-
tion, the Am28F010 is designed to support either WE#
or CE# controlled writes. During a system write cycle,
addresses are latched on the falling edge of WE# or
CE# whichever occurs last. Data is latched on the ris-
ing edge of WE# or CE# whichever occurs first. To
simplify the following discussion, the WE# pin is used
as the write cycle control pin throughout the rest of
this text. All setup and hold times are with respect to
the WE# signal.
AMD’s Flash technology combines years of EPROM
and EEPROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The
Am28F010 electrically erases all bits simultaneously
using Fowler-Nordheim tunneling. The bytes are pro-
grammed one byte at a time using the EPROM pro-
gramming mechanism of hot electron injection.
BLOCK DIAGRAM
PRODUCT SELECTOR GUIDE
Family Part Number
Am28F010
Speed Options (VCC = 5.0 V ± 10%)
-70
-90
-120
-150
-200
Max Access Time (ns)
70
90
120
150
200
CE
# (E#) Access (ns)
70
90
120
150
200
OE
# (G#) Access (ns)
35
35
50
55
55
Erase Voltage
Switch
Input/Output
Buffers
Data
Latch
Y-Gating
1,048,576 Bit
Cell Matrix
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Program
Voltage Switch
State
Control
Command
Register
WE
#
CE
#
OE
#
A0–A16
DQ0–DQ7
VCC
VSS
11559H-1
Low VCC
Detector
Program/Erase
Pulse Timer
VPP
To Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com