Electronic Components Datasheet Search
  English  ▼

X  

AM28F010 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM28F010
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM28F010 Datasheet HTML 26Page - Advanced Micro Devices AM28F010 Datasheet HTML 27Page - Advanced Micro Devices AM28F010 Datasheet HTML 28Page - Advanced Micro Devices AM28F010 Datasheet HTML 29Page - Advanced Micro Devices AM28F010 Datasheet HTML 30Page - Advanced Micro Devices AM28F010 Datasheet HTML 31Page - Advanced Micro Devices AM28F010 Datasheet HTML 32Page - Advanced Micro Devices AM28F010 Datasheet HTML 33Page - Advanced Micro Devices AM28F010 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
30
Am28F010
SWITCHING WAVEFORMS
Figure 9.
AC Waveforms for Programming Operations
DATA IN =
C0h
VALID
DATA
OUT
Verify
Command
Programming
Verification
Standby,
Power-down
tWLAX (tAH)
tGHQZ (tDF)
tWHGL
tGHQZ (tDF)
tGLQX (tOLZ)
tGLQV (tOE)
tELQV (tCE)
11559G-18
tELQX (tLZ)
tAVAV (tRC)
tAXQX (tOH)
DATA IN
= 40h
DATA IN
Setup Program
Command
Program
Command
Latch Address
and Data
Power-up,
Standby
tAVWL (tAS)
tAVAV (tWC)
tELWL (tCS)
tGHWL (tOES)
tWHEH (tCH)
tWHWH1
tWHWL (tWPH)
tWHDX (tDH)
tWLWH (tWP)
tDVWH (tDS)
tVCS
tVPEL
Addresses
HIGH Z
CE
# (E#)
OE
# (G#)
WE
# (W#)
Data (DQ)
5.0 V
VCC
0 V
VPPH
VPP
VPPL
Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com