Electronic Components Datasheet Search
  English  ▼

X  

AM28F020A Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM28F020A
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020A Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM28F020A Datasheet HTML 16Page - Advanced Micro Devices AM28F020A Datasheet HTML 17Page - Advanced Micro Devices AM28F020A Datasheet HTML 18Page - Advanced Micro Devices AM28F020A Datasheet HTML 19Page - Advanced Micro Devices AM28F020A Datasheet HTML 20Page - Advanced Micro Devices AM28F020A Datasheet HTML 21Page - Advanced Micro Devices AM28F020A Datasheet HTML 22Page - Advanced Micro Devices AM28F020A Datasheet HTML 23Page - Advanced Micro Devices AM28F020A Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
Am28F020A
MAXIMUM OVERSHOOT
Maximum Negative Input Overshoot
Maximum Positive Input Overshoot
Maximum VPP Overshoot
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
17502D-12
20 ns
VCC + 0.5 V
2.0 V
20 ns
20 ns
VCC + 2.0 V
17502D-13
17502D-14
20 ns
13.5 V
VCC + 0.5 V
20 ns
20 ns
14.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com