Electronic Components Datasheet Search
  English  ▼

X  

AM28F020A Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM28F020A
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020A Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM28F020A Datasheet HTML 27Page - Advanced Micro Devices AM28F020A Datasheet HTML 28Page - Advanced Micro Devices AM28F020A Datasheet HTML 29Page - Advanced Micro Devices AM28F020A Datasheet HTML 30Page - Advanced Micro Devices AM28F020A Datasheet HTML 31Page - Advanced Micro Devices AM28F020A Datasheet HTML 32Page - Advanced Micro Devices AM28F020A Datasheet HTML 33Page - Advanced Micro Devices AM28F020A Datasheet HTML 34Page - Advanced Micro Devices AM28F020A Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Am28F020A
35
DATA SHEET REVISION SUMMARY FOR
AM28F020A
Revision C+1
Distinctive Characteristics:
High Performance: The fastest speed option available
is now 70 ns.
General Description:
Paragraph 2: Changed fastest speed option to 70 ns.
Product Selector Guide:
Added -70, deleted -95 and -250 speed options.
Ordering Information, Standard Products:
The -70 speed option is now listed in the example.
Valid Combinations: Added -70, deleted -95 and -250
combinations.
Erase, Program, and Read Mode:
Corrected the subheading to read “VPP = 12.0 V ± 5%”.
Operating Ranges:
VCC Supply Voltages: Added -70, deleted -95 and -250
speed options.
AC Characteristics:
Read Only Operations Characteristics: Added the -70
column and test conditions.
Deleted -95 and -250 speed options.
AC Characteristics:
Write/Erase/Program Operations, Alternate CE# Con-
trolled Writes: Added the -70 column. Deleted -95 and
-250 speed options.
Switching Test Waveforms:
In the 3.0 V waveform caption, changed -95 to -70.
Revision D
Matched formatting to other current data sheets.
Revision D+1
Programming In A PROM Programmer:
Deleted the paragraph “(Refer to the AUTO SELECT
paragraph in the ERASE, PROGRAM, and READ
MODE section for programming the Flash memory de-
vice in-system).”
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com