Electronic Components Datasheet Search
  English  ▼

X  

AM28F020A Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM28F020A
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020A Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM28F020A Datasheet HTML 24Page - Advanced Micro Devices AM28F020A Datasheet HTML 25Page - Advanced Micro Devices AM28F020A Datasheet HTML 26Page - Advanced Micro Devices AM28F020A Datasheet HTML 27Page - Advanced Micro Devices AM28F020A Datasheet HTML 28Page - Advanced Micro Devices AM28F020A Datasheet HTML 29Page - Advanced Micro Devices AM28F020A Datasheet HTML 30Page - Advanced Micro Devices AM28F020A Datasheet HTML 31Page - Advanced Micro Devices AM28F020A Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
Am28F020A
SWITCHING WAVEFORMS
tWC
tDS
DQ7#
DIN
tAS
tAH
tRC
Data# Polling
Read
tDF
tOH
tCE
tOE
tWPH
tDH
tWP
tGHWL
Embedded
Program Setup
Embedded
Program
tCSE
tWHWH3 OR 4
50h
PA
tVCS
tVPEL
PA
DQ7#
DOUT
17502D-20
Notes:
1. DIN is data input to the device.
2. DQ7# is the complement of the data written to the device.
3. DOUT is the data written to the device.
Figure 11.
AC Waveforms for Embedded Programming Operation
Addresses
CE#
OE#
WE#
Data
VCC
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com