Electronic Components Datasheet Search
  English  ▼

X  

AM28F256A Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM28F256A
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256A Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM28F256A Datasheet HTML 4Page - Advanced Micro Devices AM28F256A Datasheet HTML 5Page - Advanced Micro Devices AM28F256A Datasheet HTML 6Page - Advanced Micro Devices AM28F256A Datasheet HTML 7Page - Advanced Micro Devices AM28F256A Datasheet HTML 8Page - Advanced Micro Devices AM28F256A Datasheet HTML 9Page - Advanced Micro Devices AM28F256A Datasheet HTML 10Page - Advanced Micro Devices AM28F256A Datasheet HTML 11Page - Advanced Micro Devices AM28F256A Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
Am28F256A
BASIC PRINCIPLES
This section contains descriptions about the device
read, erase, and program operations, and write opera-
tion status of the Am29FxxxA, 12.0 volt family of Flash
devices. References to some tables or figures may be
given in generic form, such as “Command Definitions
table”, rather than “Table 1”. Refer to the corresponding
data sheet for the actual table or figure.
The Am28FxxxA family uses 100% TTL-level control
inputs to manage the command register. Erase and
reprogramming operations use a fixed 12.0 V
± 5%
high voltage input.
Read Only Memory
Without high VPP voltage, the device functions as a
read only memory and operates like a standard
EPROM. The control inputs still manage traditional
read, standby, output disable, and Auto select modes.
Command Register
The command register is enabled only when high volt-
age is applied to the VPP pin. The erase and repro-
gramming operations are only accessed via the
register. In addition, two-cycle commands are required
for erase and reprogramming operations. The tradi-
tional read, standby, output disable, and Auto select
modes are available via the register.
The device’s command register is written using standard
microprocessor write timings. The register controls an
internal state machine that manages all device opera-
tions. For system design simplification, the device is de-
signed to support either WE# or CE# controlled writes.
During a system write cycle, addresses are latched on
the falling edge of WE# or CE# whichever occurs last.
Data is latched on the rising edge of WE# or CE# which-
ever occur first. To simplify the following discussion, the
WE# pin is used as the write cycle control pin throughout
the rest of this text. All setup and hold times are with re-
spect to the WE# signal.
OVERVIEW OF ERASE/PROGRAM
OPERATIONS
Embedded Erase Algorithm
AMD now makes erasure extremely simple and reli-
able. The Embedded Erase algorithm requires the user
to only write an erase setup command and erase com-
mand. The device will automatically pre-program and
verify the entire array. The device automatically times
the erase pulse width, provides the erase verify and
counts the number of sequences. A status bit, Data#
Polling, provides feedback to the user as to the status
of the erase operation.
Embedded Programming Algorithm
AMD now makes programming extremely simple and
reliable. The Embedded Programming algorithm re-
quires the user to only write a program setup command
and a program command. The device automatically
times the programming pulse width, provides the pro-
gram verify and counts the number of sequences. A
status bit, Data# Polling, provides feedback to the user
as to the status of the programming operation.
DATA PROTECTION
The device is designed to offer protection against acci-
dental erasure or programming caused by spurious
system level signals that may exist during power transi-
tions. The device powers up in its read only state. Also,
with its control register architecture, alteration of the
memory contents only occurs after successful comple-
tion of specific command sequences.
The device also incorporates several features to pre-
vent inadvertent write cycles resulting from VCC
power-up and power-down transitions or system noise.
Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up
and power-down, the device locks out write cycles for
VCC < VLKO (see DC characteristics section for volt-
ages). When VCC < VLKO, the command register is dis-
abled, all internal program/erase circuits are disabled,
and the device resets to the read mode. The device ig-
nores all writes until VCC > VLKO. The user must ensure
that the control pins are in the correct logic state when
VCC > VLKO to prevent unintentional writes.
Write Pulse “Glitch” Protection
Noise pulses of less than 10 ns (typical) on OE#, CE#
or WE# will not initiate a write cycle.
Logical Inhibit
Writing is inhibited by holding any one of OE# = VIL,
CE# =VIH or WE# = VIH. To initiate a write cycle CE#
and WE# must be a logical zero while OE# is a logical
one.
Power-Up Write Inhibit
Power-up of the device with WE# = CE# = VIL and
OE# = VIH will not accept commands on the rising
edge of WE#. The internal state machine is automati-
cally reset to the read mode on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com