Electronic Components Datasheet Search
  English  ▼

X  

AD8047 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8047
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047 Datasheet(HTML) 4 Page - Analog Devices

  AD8047 Datasheet HTML 1Page - Analog Devices AD8047 Datasheet HTML 2Page - Analog Devices AD8047 Datasheet HTML 3Page - Analog Devices AD8047 Datasheet HTML 4Page - Analog Devices AD8047 Datasheet HTML 5Page - Analog Devices AD8047 Datasheet HTML 6Page - Analog Devices AD8047 Datasheet HTML 7Page - Analog Devices AD8047 Datasheet HTML 8Page - Analog Devices AD8047 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REV. A
AD8047/AD8048
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8047/AD8048 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these devices
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175
°C for an extended period can
result in device failure.
While the AD8047 and AD8048 are internally short circuit
protected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (150
°C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to observe
the maximum power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
0
10
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE ( C)
TJ = +150 C
8-PIN PDIP PACKAGE
8-PIN SOIC PACKAGE
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage, (+VS) – (–VS) . . . . . . . . . . . . . . . . . . . . 12.6 V
Voltage Swing
× Bandwidth Product
AD8047 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180 V-MHz
AD8048 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 V-MHz
Internal Power Dissipation
2
Plastic Package (N) . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . 0.9 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Specification is for device in free air: 8-Lead PDIP Package,
JA = 90
°C/W; 8-Lead
SOIC Package, JA = 140
°C/W
METALLIZATION PHOTOS
Dimensions shown in inches and (mm)
Connect Substrate to –VS.
AD8047
+VS
VOUT
–VS
–IN
+IN
0.045
(1.14)
0.044
(1.13)
AD8048
+VS
VOUT
–VS
–IN
+IN
0.045
(1.14)
0.044
(1.13)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*
AD8047AN
–40
°C to +85°CPDIP
N-8
AD8047AR
–40
°C to +85°C SOIC
R-8
AD8047AR-REEL
–40
°C to +85°C SOIC
R-8
AD8047AR-REEL7
–40
°C to +85°C SOIC
R-8
AD8048AN
–40
°C to +85°CPDIP
N-8
AD8048AR
–40
°C to +85°C SOIC
R-8
AD8048AR-REEL
–40
°C to +85°C SOIC
R-8
AD8048AR-REEL7
–40
°C to +85°C SOIC
R-8
*N = PDIP, R= SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com