Electronic Components Datasheet Search
  English  ▼

X  

AD8047 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8047
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8047 Datasheet HTML 8Page - Analog Devices AD8047 Datasheet HTML 9Page - Analog Devices AD8047 Datasheet HTML 10Page - Analog Devices AD8047 Datasheet HTML 11Page - Analog Devices AD8047 Datasheet HTML 12Page - Analog Devices AD8047 Datasheet HTML 13Page - Analog Devices AD8047 Datasheet HTML 14Page - Analog Devices AD8047 Datasheet HTML 15Page - Analog Devices AD8047 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
REV. A
AD8047/AD8048
–11–
JUNCTION TEMPERATURE ( C)
3.9
2.9
2.3
–60
140
–40
–20
0
20
40
60
80
100
120
3.7
3.1
2.7
2.5
3.5
3.3
4.1
+VOUT
–VOUT
+VOUT
–VOUT
+VOUT
–VOUT
RL = 1k
RL = 50
RL = 150
TPC 43. AD8047/AD8048 Output Swing vs. Temperature
2400
1600
1000
–60
140
–40
–20
0
20
40
60
80
100
120
2200
1400
1200
2000
1800
2600
AD8048
AD8047
JUNCTION TEMPERATURE ( C)
TPC 44. AD8047/AD8048 Open-Loop Gain vs.
Temperature
94
–60
92
90
88
86
84
82
80
78
76
–40
–20
0
20
40
60
80
100
120
140
+PSRR
AD8048
–PSRR
–PSRR
AD8047
+PSRR
AD8047
AD8048
JUNCTION TEMPERATURE ( C)
TPC 45. AD8047/AD8048 PSRR vs. Temperature
83.0
140
–40
–60
120
80
60
40
100
20
0
–20
82.0
81.0
80.0
79.0
78.0
77.0
76.0
AD8047
AD8048
JUNCTION TEMPERATURE ( C)
TPC 46. AD8047/AD8048 CMRR vs. Temperature
7.5
5.5
–60
140
–40
–20
0
20
40
60
80
100
120
7.0
6.0
5.0
4.5
6.5
8.0
6V
6V
5V
5V
AD8048
AD8047
AD8048
AD8047
JUNCTION TEMPERATURE ( C)
TPC 47. AD8047/AD8048 Supply Current vs.
Temperature
800
400
100
–60
140
–40
–20
0
20
40
60
80
100
120
700
300
200
600
500
900
AD8048
AD8047
JUNCTION TEMPERATURE ( C)
TPC 48. AD8047/AD8048 Input Offset Voltage vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com