Electronic Components Datasheet Search
  English  ▼

X  

AD8047 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8047
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8047 Datasheet HTML 7Page - Analog Devices AD8047 Datasheet HTML 8Page - Analog Devices AD8047 Datasheet HTML 9Page - Analog Devices AD8047 Datasheet HTML 10Page - Analog Devices AD8047 Datasheet HTML 11Page - Analog Devices AD8047 Datasheet HTML 12Page - Analog Devices AD8047 Datasheet HTML 13Page - Analog Devices AD8047 Datasheet HTML 14Page - Analog Devices AD8047 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
REV. A
–10–
AD8047/AD8048
30
60
80
90
FREQUENCY (Hz)
1G
10M
1M
100k
100
70
50
40
20
100M
V
CM = 1V
R
L = 100
TPC 37. AD8047 CMRR vs. Frequency
100
0.01
1G
1
0.1
100k
10k
10
100M
10M
1M
FREQUENCY (Hz)
TPC 38. AD8047 Output Resistance vs. Frequency,
G = +1
90
80
70
50
40
30
20
10
0
10k
100k
1G
100M
10M
1M
FREQUENCY (Hz)
60
+PSRR
–PSRR
TPC 39. AD8047 PSRR vs. Frequency
30
60
80
90
1G
10M
1M
100k
100
70
50
40
20
100M
FREQUENCY (Hz)
V
CM = 1V
R
L = 100
TPC 40. AD8048 CMRR vs. Frequency
100
0.01
1G
1
0.1
100k
10k
10
100M
10M
1M
FREQUENCY (Hz)
TPC 41. AD8048 Output Resistance vs. Frequency,
G = +2
90
70
60
50
40
30
20
10
0
3k
10k
100M
1M
100k
FREQUENCY (Hz)
80
500M
+PSRR
–PSRR
TPC 42. AD8048 PSRR vs. Frequency,
G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com