Electronic Components Datasheet Search
  English  ▼

X  

MPQ8903 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ8903
Description  Industrial Grade, Low Dropout 150mA Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8903 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ8903 Datasheet HTML 1Page - Monolithic Power Systems MPQ8903 Datasheet HTML 2Page - Monolithic Power Systems MPQ8903 Datasheet HTML 3Page - Monolithic Power Systems MPQ8903 Datasheet HTML 4Page - Monolithic Power Systems MPQ8903 Datasheet HTML 5Page - Monolithic Power Systems MPQ8903 Datasheet HTML 6Page - Monolithic Power Systems MPQ8903 Datasheet HTML 7Page - Monolithic Power Systems MPQ8903 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPQ8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MPQ8903 Rev. 1.2
www.MonolithicPower.com
4
5/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 4.5V, VOUT = 2.85V, C1 = 1µF, C2 = 0.1µF, C3 = 2.2µF, TA = +25°C unless otherwise noted.
2.87
2.865
2.86
2.855
2.85
2.845
2.84
34567
VIN (V)
VOUT vs. VIN
135
130
125
120
115
110
105
0
50
100
150
ILOAD (mA)
IGND vs ILOAD
135
130
125
120
115
110
105
234567
VIN (V)
IGND vs VIN
160
140
120
100
80
60
40
20
0
0
20 40 60 80 100 120 140 160
ILOAD (mA)
VDROPOUT vs ILOAD
ILOAD = 1mA
ILOAD = 1mA
VIN = 6.5V
VIN = 5.0V
VIN = 2.7V
ILOAD = 150mA
ILOAD = 150mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com