Electronic Components Datasheet Search
  English  ▼

X  

MPQ8903 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ8903
Description  Industrial Grade, Low Dropout 150mA Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8903 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ8903 Datasheet HTML 1Page - Monolithic Power Systems MPQ8903 Datasheet HTML 2Page - Monolithic Power Systems MPQ8903 Datasheet HTML 3Page - Monolithic Power Systems MPQ8903 Datasheet HTML 4Page - Monolithic Power Systems MPQ8903 Datasheet HTML 5Page - Monolithic Power Systems MPQ8903 Datasheet HTML 6Page - Monolithic Power Systems MPQ8903 Datasheet HTML 7Page - Monolithic Power Systems MPQ8903 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPQ8903
Industrial Grade, Low Dropout
150mA Linear Regulator
MPQ8903 Rev. 1.2
www.MonolithicPower.com
1
5/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ8903 is a 150mA low-dropout linear
regulator that can operate from 2.7V to 6.5V
input. It regulates the output with 2% accuracy
and comes with preset 2.5V, 2.85V or 3.3V
output. An external resistor divider may be used
to adjust the output voltage from 1.25V to 5V.
The MPQ8903 has thermal protection to guard
against harsh operating conditions, and is
available in 5-pin TSOT23 package.
FEATURES
• Guaranteed Industrial Operating Temperate
Range Limits
• 2.7V to 6.5V Input Voltage Range
• Fixed Output Voltage Options of 2.5V,
2.85V or 3.3V
• Adjustable Output Voltage from 1.25V to 5V
using an External Resistor Divider
• Low 100mV Dropout at 100mA Output
• 2% Accurate Output Voltage
• Stable With Low-ESR Output Capacitors
• Thermal Protection
• Available in TSOT23-5 Package
APPLICATIONS
• 802.11 PC Cards
• Mobile Handset PLL Power
• Audio Codec Power
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MPQ8903DX-X.X
FB
OUT
GND
EN
IN
OUTPUT
1.25V to 5V
VIN
2.7V to 6.5V
VIN
C3
2.2
µ F
CERAMIC
C1
1
µ F
EN (Pin3)
may be connected
to IN (Pin 1) directly
The sum of
R1 and R2
should not
exceed 100k
R1
R2
160
140
120
100
80
60
40
20
0
0
20 40 60 80 100 120 140 160
ILOAD (mA)
VDROPOUT vs ILOAD


Similar Part No. - MPQ8903

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8904-AEC1 MPS-MPQ8904-AEC1 Datasheet
879Kb / 12P
Industrial/Automotive-Grade 500mA Linear Regulator AEC-Q100 Qualified
MPQ8904DD MPS-MPQ8904DD Datasheet
879Kb / 12P
Industrial/Automotive-Grade 500mA Linear Regulator AEC-Q100 Qualified
MPQ8904DD-AEC1 MPS-MPQ8904DD-AEC1 Datasheet
879Kb / 12P
Industrial/Automotive-Grade 500mA Linear Regulator AEC-Q100 Qualified
More results

Similar Description - MPQ8903

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com