Electronic Components Datasheet Search
  English  ▼

X  

MPQ8903 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ8903
Description  Industrial Grade, Low Dropout 150mA Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8903 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ8903 Datasheet HTML 1Page - Monolithic Power Systems MPQ8903 Datasheet HTML 2Page - Monolithic Power Systems MPQ8903 Datasheet HTML 3Page - Monolithic Power Systems MPQ8903 Datasheet HTML 4Page - Monolithic Power Systems MPQ8903 Datasheet HTML 5Page - Monolithic Power Systems MPQ8903 Datasheet HTML 6Page - Monolithic Power Systems MPQ8903 Datasheet HTML 7Page - Monolithic Power Systems MPQ8903 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPQ8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MPQ8903 Rev. 1.2
www.MonolithicPower.com
5
5/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
TSOT23-5
Pin #
Name
Description
2
GND
Ground.
3
EN
Enable Input. Drive EN high to turn on the MPQ8903; low to turn it off. For automatic
startup, connect EN to IN.
1
IN
Power Source Input. IN supplies the internal power to the MPQ8903 and is the source
of the pass transistor. Bypass IN to GND with a 1µF or greater capacitor.
5
OUT
Regulator Output. OUT is the output of the linear regulator. Bypass OUT to GND with
a 1µF or greater capacitor.
NC
No Connect.
4
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. The OUT feedback threshold is 1.222V.
OPERATION
The MPQ8903 is a low-current, low-dropout
linear regulator. The MPQ8903 uses a PMOS
pass element and features internal thermal
shutdown. The normally fixed output MPQ8903
may be converted to an adjustable output device
by applying a resistor divider network as shown in
Figure 2. An optional feed-forward capacitor,
CBYP, may be added for an improved transient
response.
VIN
VEN
C3
GND
FB
OUT
VOUT
--
+
BANDGAP
REFERENCE
INTERNAL
RESISTOR
DIVIDER
CBYP
Figure 1—Fixed Output Regulator
VIN
VEN
COUT
CBYP
R1
R2
VOUT
--
+
BANDGAP
REFERENCE
GND
FB
OUT
EXTERNAL
RESISTOR
DIVIDER
Figure 2—Adjustable Regulator: VOUT = VFB(1+(R1/R2))



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com