Electronic Components Datasheet Search
  English  ▼

X  

NB670 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # NB670
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB670 Datasheet(HTML) 2 Page - Monolithic Power Systems

  NB670 Datasheet HTML 1Page - Monolithic Power Systems NB670 Datasheet HTML 2Page - Monolithic Power Systems NB670 Datasheet HTML 3Page - Monolithic Power Systems NB670 Datasheet HTML 4Page - Monolithic Power Systems NB670 Datasheet HTML 5Page - Monolithic Power Systems NB670 Datasheet HTML 6Page - Monolithic Power Systems NB670 Datasheet HTML 7Page - Monolithic Power Systems NB670 Datasheet HTML 8Page - Monolithic Power Systems NB670 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NB670 ― 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB670 Rev. 1.01
www.MonolithicPower.com
2
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
NB670GQ
QFN16 (3mmx3mm)
ADZ
* For Tape & Reel, add suffix –Z (e.g. NB670GQ–Z)
PACKAGE REFERENCE
TOP VIEW
5
4
6
7
8
SW
SW
1
2
PGND
VIN
13
14
12
11
AGND
EN
9
SW
SW
LDO
VCC
CLK
PG
VOUT
ENLDO
10
BST
3
NC
EXPOSED PAD
ON BACKSIDE
15
16
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 24V
VSW...............................................-0.3V to 24.3V
VSW (30ns)..........................................-3V to 28V
VSW (5ns)............................................-6V to 28V
VBST ................................................... VSW + 5.5V
VEN ............................................................... 12V
VENLDO........................................................... 12V
Enable Current IEN
(2)................................ 2.5mA
All Other Pins...............................-0.3V to +5.5V
Continuous Power Dissipation (TA=+25°C)
(3)
QFN16……………………..….…..…………1.8W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN.............................. 5V to 22V
Output Voltage VOUT ................................... 3.3V
Enable Current IEN...................................... 1mA
Operating Junction Temp. (TJ)..-40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN16 (3mmx3mm)............... 70 ...... 15...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Refer to Page 19 of Configuring the EN Control.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com