Electronic Components Datasheet Search
  English  ▼

X  

NB670 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # NB670
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB670 Datasheet(HTML) 5 Page - Monolithic Power Systems

  NB670 Datasheet HTML 1Page - Monolithic Power Systems NB670 Datasheet HTML 2Page - Monolithic Power Systems NB670 Datasheet HTML 3Page - Monolithic Power Systems NB670 Datasheet HTML 4Page - Monolithic Power Systems NB670 Datasheet HTML 5Page - Monolithic Power Systems NB670 Datasheet HTML 6Page - Monolithic Power Systems NB670 Datasheet HTML 7Page - Monolithic Power Systems NB670 Datasheet HTML 8Page - Monolithic Power Systems NB670 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NB670 ― 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB670 Rev. 1.01
www.MonolithicPower.com
5
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
VIN
Supply Voltage. The VIN pin supplies power for internal MOSFET and regulator. The
NB670 operates from a +5V to +24V input rail. An input capacitor is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
2
PGND
Power Ground. Use wide PCB traces and multiple vias to make the connection.
3
NC
Not connected.
4
PG
Power good output. The output of this pin is an open drain signal and is high if the
output voltage is higher than 95% of the nominal voltage. There is a delay from Vout
≥ 95% to PGOOD goes high.
5
CLK
300kHZ CLK output to drive the external charge pump
6
LDO
Internal 3.3V LDO output. Decouple with a minimum 4.7µF ceramic capacitor as
close to the pin as possible. X7R or X5R grade dielectric ceramic capacitors are
recommended for their stable temperature characteristics.
Once the output voltage of the Buck regulator is ready, it will switch over the LDO
output to save the power loss.
7
VOUT
Output voltage sense. For the NB670, the output of the Buck regulator is fixed to
3.3V. VOUT pin is used to sense the output voltage of the Buck regulator, connect
this pin to the output capacitor of the regulator directly. This pin also acts as the
input of the 3.3V LDO switch over power input.
Keep the VOUT sensing trace far away from the SW node. Vias should also be
avoided on the VOUT sensing trace.
8, 9
Exposed Pad
15, 16
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This pin is
driven up to the VIN voltage by the high-side switch during the on-time of the PWM
duty cycle. The inductor current drives the SW pin negative during the off-time. The
on-resistance of the low-side switch and the internal diode fixes the negative
voltage. Use wide and short PCB traces to make the connection. Try to minimize the
area of the SW pattern.
10
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
11
VCC
Internal 5V LDO output. The driver and control circuits are powered from this
voltage. Decouple with a minimum 1µF ceramic capacitor as close to the pin as
possible. X7R or X5R grade dielectric ceramic capacitors are recommended for their
stable temperature characteristics.
12
ENLDO
100mA LDO and VCC enable pin. ENLDO is internally pulled up to high. Leave this
pin open to enable the LDO. Drive it low to turn off all the regulators .
13
EN
Buck regulator and charge pump clock enable pin. EN is a digital input that turns the
Buck regulator and CLK on or off. When the power supply of the control circuit is
ready, drive EN high to turn on the Buck regulator and charge pump clock, drive it
low to turn them off.
14
AGND
Analog ground. The internal reference is referred to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com