Electronic Components Datasheet Search
  English  ▼

X  

NB670 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # NB670
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB670 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button NB670 Datasheet HTML 4Page - Monolithic Power Systems NB670 Datasheet HTML 5Page - Monolithic Power Systems NB670 Datasheet HTML 6Page - Monolithic Power Systems NB670 Datasheet HTML 7Page - Monolithic Power Systems NB670 Datasheet HTML 8Page - Monolithic Power Systems NB670 Datasheet HTML 9Page - Monolithic Power Systems NB670 Datasheet HTML 10Page - Monolithic Power Systems NB670 Datasheet HTML 11Page - Monolithic Power Systems NB670 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NB670 ― 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB670 Rev. 1.01
www.MonolithicPower.com
8
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN=12V, VOUT =3.3V, L=2µH, TJ=+25°C, unless otherwise noted.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
VEN
5V/div.
VOUT
2V/div.
VOUT(AC)
50mV/div.
VSW
10V/div.
IL
5A/div.
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
IL
2A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
VIN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
Shut-Down through Vin
IOUT = 6A
Start-Up through EN
IOUT = 0A
Start-Up through EN
IOUT = 6A
Shut-Down through EN
IOUT = 0A
Shut-Down through EN
IOUT = 6A
Short Circuit Protection
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
VOUT
2V/div.
VSW
10V/div.
IL
5A/div.
Thermal Shutdown
IOUT =6A
Thermal Recovery
IOUT =6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com