Electronic Components Datasheet Search
  English  ▼

X  

ADP2323 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2323 Datasheet HTML 4Page - Analog Devices ADP2323 Datasheet HTML 5Page - Analog Devices ADP2323 Datasheet HTML 6Page - Analog Devices ADP2323 Datasheet HTML 7Page - Analog Devices ADP2323 Datasheet HTML 8Page - Analog Devices ADP2323 Datasheet HTML 9Page - Analog Devices ADP2323 Datasheet HTML 10Page - Analog Devices ADP2323 Datasheet HTML 11Page - Analog Devices ADP2323 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 8 of 32
Pin No.
Mnemonic
Description
23
BST1
Supply Rail for the Gate Drive of Channel 1. Place a 0.1 µF capacitor between SW1 and BST1.
24, 25
SW1
Switch Node for Channel 1.
26, 27
PVIN1
Power Input for Channel 1. This pin is the power input for Channel 1 and provides power for the internal
regulator. Connect to the input power source and connect a bypass capacitor between PVIN1 and ground.
28
EN1
Enable Pin for Channel 1. An external resistor divider can be used to set the turn-on threshold. When not
using the enable pin, connect the EN1 pin to PVIN1.
29
TRK1
Tracking Input for Channel 1. To track a master voltage, drive this pin from a voltage divider from the master
voltage. If the tracking function is not used, connect TRK1 to INTVCC.
30
SS1
Soft Start Control for Channel 1. To program the soft start time, connect a capacitor from SS1 to GND.
31
COMP1
Error Amplifier Output for Channel 1. Connect an RC network from COMP1 to GND. Connect COMP1 and
COMP2 together for a parallel application.
32
FB1
Feedback Voltage Sense Input for Channel 1. Connect to a resistor divider from the Channel 1 output voltage,
V
OUT1.
Exposed Pad
Solder the exposed pad to an external GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com