Electronic Components Datasheet Search
  English  ▼

X  

ADP2323 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2323 Datasheet HTML 22Page - Analog Devices ADP2323 Datasheet HTML 23Page - Analog Devices ADP2323 Datasheet HTML 24Page - Analog Devices ADP2323 Datasheet HTML 25Page - Analog Devices ADP2323 Datasheet HTML 26Page - Analog Devices ADP2323 Datasheet HTML 27Page - Analog Devices ADP2323 Datasheet HTML 28Page - Analog Devices ADP2323 Datasheet HTML 29Page - Analog Devices ADP2323 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 26 of 32
TYPICAL APPLICATION CIRCUITS
INTVCC
RTOP1
10kΩ
CC1
1000pF
RC1
82kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
2.2µH
M1
FDS8880
M2
FDS8880
L2
4.7µH
VIN
12V
VIN
12V
VOUT1
1.2V, 3A
COUT1
100µF
COUT4
47µF
VOUT2
3.3V, 3A
RBOT1
10kΩ
RTOP2
10kΩ
RC2
75kΩ
CC2
1000pF
CSS2
22nF
CIN2
10µF, 25V
RBOT2
2.21kΩ
ROSC
120kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
COUT2
100µF
COUT5
47µF
COUT3
100µF
Figure 50. Using External MOSFET Application, VIN1 = VIN2 = 12 V, VOUT1 = 1.2 V, IOUT1 = 3 A, VOUT2 = 3.3 V, IOUT2 = 3 A, fSW = 500 kHz
INTVCC
RTOP1
22kΩ
CC1
1.2nF
RC1
75kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
8.2µH
D1
B220A
D2
B220A
L2
8.2µH
VIN
12V
VIN
12V
VOUT1
5V, 2A
COUT1
22µF
COUT3
22µF
VOUT2
3.3V, 1.5A
RBOT1
3kΩ
RTOP2
10kΩ
RC2
47kΩ
CC2
1.5nF
CSS2
22nF
CIN2
10µF, 25V
RBOT2
2.21kΩ
ROSC
100kΩ
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
MODE
COUT2
22µF
RILIM2
47kΩ
COUT4
22µF
Figure 51. Using External Diode Application, VIN1 = VIN2 = 12 V, VOUT1 = 5 V, IOUT1 = 2 A, VOUT2 = 3.3 V, IOUT2 = 1.5 A, fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com