Electronic Components Datasheet Search
  English  ▼

X  

ADP2323 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2323 Datasheet HTML 16Page - Analog Devices ADP2323 Datasheet HTML 17Page - Analog Devices ADP2323 Datasheet HTML 18Page - Analog Devices ADP2323 Datasheet HTML 19Page - Analog Devices ADP2323 Datasheet HTML 20Page - Analog Devices ADP2323 Datasheet HTML 21Page - Analog Devices ADP2323 Datasheet HTML 22Page - Analog Devices ADP2323 Datasheet HTML 23Page - Analog Devices ADP2323 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 20 of 32
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using a
small inductor leads to a faster transient response but degrades
efficiency due to larger inductor ripple current, whereas a large
inductor value leads to smaller ripple current and better effi-
ciency but results in a slower transient response. Thus, there is a
trade-off between the transient response and efficiency. As a
guideline, the inductor ripple current, ΔIL, is typically set to 1/3
of the maximum load current. The inductor value can be
calculated using the following equation:
(
)
IN
OUT
L
SW
VV
D
L
If
−×
=
∆×
where:
VIN is the input voltage.
VOUT is the output voltage.
ΔIL is the inductor ripple current.
fSW is the switching frequency.
D is the duty cycle.
IN
OUT
V
V
D =
The ADP2323 uses adaptive slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle is
larger than 50%. The internal slope compensation limits the
minimum inductor value.
For a duty cycle that is larger than 50%, the minimum inductor
value is determined by the following equation:
(
)
1
2
OUT
SW
VD
f
×−
×
The inductor peak current is calculated using the following
equation:
2
L
OUT
PEAK
I
I
I
∆
+
=
The saturation current of the inductor must be larger than the
peak inductor current. For the ferrite core inductors with a
quick saturation characteristic, the saturation current rating of the
inductor should be higher than the current-limit threshold of the
switch to prevent the inductor from getting into saturation.
The rms current of the inductor can be calculated by the
following equation:
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
Shielded ferrite core materials are recommended for low core
loss and low EMI.
Table 9. Recommended Inductors
Vendor
Part No.
Value
[µH]
ISAT
[A]
IRMS
[A]
DCR
[mΩ]
Sumida
CDRH105RNP-1R5N
1.5
10.5
8.3
5.8
CDRH105RNP-2R2N
2.2
9.25
7.5
7.2
CDRH105RNP-3R3N
3.3
7.8
6.5
10.4
CDRH105RNP-4R7N
4.7
6.4
6.1
12.3
CDRH105RNP-6R8N
6.8
5.4
5.4
18
Coilcraft
MSS1048-152NL
1.5
10.5
10.8
5.8
MSS1048-222NL
2.2
8.4
9.78
7.2
MSS1048-332NL
3.3
7.38
7.22
10.4
MSS1048-472NL
4.7
6.46
6.9
12.3
MSS1048-682NL
6.8
5.94
6.01
18
Wurth
Elektronik
7447797180
1.8
13.3
7.3
16
7447797300
3.0
10.5
7.0
18
7447797470
4.7
8.0
5.8
27
7447797620
6.2
7.5
5.5
30
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the regulator. For example,
during load step transient on the output, when the load is
suddenly increased, the output capacitor supplies the load until
the control loop has a chance to ramp up the inductor current,
which causes an undershoot of the output voltage.
Use the following equation to calculate the output capacitance that
is required to meet the voltage droop requirement:
(
)
UV
OUT
OUT
IN
P
STE
UV
UV
OUT
V
V
V
L
I
K
C
_
2
_
2
∆
×
−
×
×
∆
×
=
where:
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
KUV is a factor, typically setting KUV = 2.
Another case is when a load is suddenly removed from the
output and the energy stored in the inductor rushes into the
output capacitor, which causes the output to overshoot. The
output capacitance required to meet the overshoot requirement
can be calculated using the following equation:
2
_
22
_
()
OV
STEP
OUT
OV
OUT
OUT
OV
OUT
KI
L
C
V
V
V
× ∆
×
=
+ ∆
−
where:
ΔVOUT_OV is the allowable overshoot on the output voltage.
KOV is a factor, typically setting KOV = 2.
The output ripple is determined by the ESR of the output
capacitor and its capacitance value. Use the following equation to
select a capacitor that can meet the output ripple requirements:
RIPPLE
OUT
SW
L
RIPPLE
OUT
V
f
I
C
_
_
8
∆
×
×
∆
=
L
RIPPLE
OUT
ESR
I
V
R
∆
∆
=
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com