Electronic Components Datasheet Search
  English  ▼

X  

AWG5000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AWG5000
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AWG5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 15Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Arbitrary Waveform Generators — AWG5000 Series
Ordering Information
Arbitrary Waveform Generator Mainframe
AWG5014C
1.2 GS/s, 14-bit resolution, 16M point per channel, 4-channel arbitrary waveform
generator
AWG5012C
1.2 GS/s, 14-bit resolution, 16M point per channel, 2-channel arbitrary waveform
generator
AWG5002C
600 MS/s, 14-bit resolution, 16M point per channel, 2-channel arbitrary waveform
generator
All Models Include: Accessory pouch, front cover, USB mouse, compact USB
keyboard, lead set for DC output, AWG5000C Series product software CD and
instructions, documentation CD with browser, Quick Start User Manual and
registration card, Certificate of Calibration, and power cable.
Note: Please specify power cord and language option when ordering.
Instrument Options
Option
Description
AWG5014C/AWG5012C/AWG5002C
Opt. 01
Waveform Length Expansion (from 16M to 32M)
Opt. 05
Removable Mechanical HDD (1 TB)
Opt. 09
Subsequencing and Dynamic Jump option
(subsequencing files created for legacy AWG400,
AWG500, AWG600, and AWG700 instrument are
compatible with this option)
Opt. RFX
Adds RFXpress (RFX100) software to the AWG
Opt. RDR
Adds Radar Signal Generation to RFXpress (requires
Opt. RFX)
Opt. SPARA
Adds S-parameter Emulation to RFXpress (requires
Opt. RFX)
Opt. OFDM
Adds OFDM Signal Generation to RFXpress (requires
Opt. RFX)
Opt. ENV
Adds Environment Signal Generation to RFXpress
(requires Opt. RFX)
Opt. ENV01
Bundling Option – Opt. ENV + Opt. RDR (requires
Opt. RFX)
Opt. ENV02
Bundling Option – Opt. ENV + Opt. RDR + Opt. OFDM
(requires Opt. RFX)
Opt. ENV03
Bundling Option – Opt. ENV + Opt. RDR + Opt. OFDM +
Opt. SPARA (requires Opt. RFX)
Opt. ENV04
Bundling Option – Opt. ENV + Opt. RDR + Opt. OFDM +
Opt. SPARA + Opt. UWBCT (requires Opt. RFX)
Opt. UWBCF
Adds UWB-WiMedia Conformance Signal Generation to
RFXpress (requires Opt. RFX)
Opt. UWBCT
Adds UWB-WiMedia Custom and Conformance Signal
Generation to RFXpress (requires Opt. RFX, includes
Opt. UWBCF)
AWG5012C/AWG5002C
Opt. 03
28-bit digital data outputs (digital data of CH1 and CH2)
Note: Must be ordered at time of purchase
Opt. 0309
Combination of Opt. 03 and Opt. 09
Note: Must be ordered at time of purchase
Common Options
International Power Plugs
Option
Description
Opt. A0
North America
Opt. A1
Universal Euro
Opt. A2
United Kingdom
Opt. A3
Australia
Opt. A5
Switzerland
Opt. A6
Japan
Opt. A10
China
Opt. A11
India
Opt. A99
No power cord or AC adapter
Language Options
Option
Description
Opt. L0
English
Opt. L5
Japanese
Opt. L7
Simplified Chinese
Opt. L8
Traditional Chinese
Opt. L10
Russian
Application Software
Model
Option
Description
Jitter Generation Software Package
(includes USB dongle)
Opt. ISI
S-Parameter and ISI creation
(requires SDX100 as prerequisite)
SDX100
Opt. SSC
Spread Spectrum Clock addition option
(requires SDX100 as prerequisite)
Service Options
Option
Description
Opt. CA1
A single calibration event
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R3
Repair Service 3 Years
Opt. R5
Repair Service 5 Years
Post Sales Service Options: (e.g. AWG5012-CA1)
CA1
A single calibration event
R3DW
Repair Service Coverage 3 Years
R5DW
Repair Service Coverage 5 Years
R2PW
Repair Service Coverage 2 Years Post Warranty
R1PW
Repair Service Coverage 1 Year Post Warranty
www.tektronix.com/awg5000 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com