Electronic Components Datasheet Search
  English  ▼

X  

AWG5000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AWG5000
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AWG5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AWG5000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Arbitrary Waveform Generators — AWG5000 Series
Common Characteristics
Characteristic
AWG5014C
AWG5012C
AWG5002C
Output Distortion Characteristics
Spurious Free Dynamic Range (SFDR)
SFDR is determined as a function of the directly generated carrier frequency. Harmonics not included
SFDR (Direct) (typical)
Clock: 1.2 GS/s, 14-bit operation
Frequency: 10 MHz to 480 MHz
Level: 4 dBm (1 Vp-p)
Offset: None
Clock: 0.6 GS/s, 14-bit operation
Frequency: 10 MHz to 240 MHz
Level: 4 dBm (1 Vp-p)
Offset: None
DC to 10 MHz carrier
–70 dBc
–74 dBc
10 to 20 MHz carrier
–70 dBc
–70 dBc
20 to 40 MHz carrier
–62 dBc
–62 dBc
40 to 80 MHz carrier
–62 dBc
–57 dBc
80 to 150 MHz carrier
–58 dBc
–54 dBc
150 to 300 MHz carrier
–58 dBc
–54 dBc
300 to 480 MHz carrier
–56 dBc
Spurious Free Dynamic Range (SFDR)
When viewed as a modulation bandwidth and used with external frequency up-conversion, the specifications will hold and
be independent of carrier frequency with proper conversion circuitry design. Harmonics not included
SFDR (Direct) (typical)
Clock: 1.2 GS/s, 14-bit operation
Modulation Bandwidth: Up to 180 MHz
Level: 4 dBm (1 Vp-p)
Offset: None
Clock: 0.6 GS/s, 14-bit operation
Modulation Bandwidth: Up to 130 MHz
Level: 4 dBm (1 Vp-p)
Offset: None
DC to 10 MHz bandwidth
–70 dBc
–74 dBc
DC to 20 MHz bandwidth
–70 dBc
–70 dBc
DC to 40 MHz bandwidth
–62 dBc
–62 dBc
DC to 80 MHz bandwidth
–62 dBc
–57 dBc
DC to 150 MHz bandwidth
–58 dBc
–54 dBc
DC to 180 MHz bandwidth
–58 dBc
www.tektronix.com/awg5000 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com