Electronic Components Datasheet Search
  English  ▼

X  

AM79C90 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 18Page - Advanced Micro Devices AM79C90 Datasheet HTML 19Page - Advanced Micro Devices AM79C90 Datasheet HTML 20Page - Advanced Micro Devices AM79C90 Datasheet HTML 21Page - Advanced Micro Devices AM79C90 Datasheet HTML 22Page - Advanced Micro Devices AM79C90 Datasheet HTML 23Page - Advanced Micro Devices AM79C90 Datasheet HTML 24Page - Advanced Micro Devices AM79C90 Datasheet HTML 25Page - Advanced Micro Devices AM79C90 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
AMD
P R E L I M I N A R Y
22
Am79C90
Bit
Name
Description
03
TDMD
TRANSMIT DEMAND, when set,
causes the C-LANCE to access the
Transmit Descriptor Ring without
waiting for the polltime interval to
elapse. TDMD need not be set to
transmit a packet; it merely hastens
the C-LANCE’s response to a Trans-
mit Descriptor Ring entry insertion by
the host.
TDMD is WRITE WITH ONE ONLY
and is cleared by the microcode after
it is used. It may read as a “1” for a
short time after it is written because
the microcode may have been busy
when TDMD was set. It is also
cleared by
RESET or by setting the
STOP bit. Writing a “0” in this bit has
no effect.
02
STOP
STOP disables the C-LANCE from
all external activity when set and
clears the internal logic. Setting
STOP is the equivalent of asserting
RESET. The C-LANCE remains in-
active and STOP remains set until
the STRT or INIT bit is set. If STRT,
INIT and STOP are all set together,
STOP will override the other bits and
only STOP will be set.
STOP is READ/WRITE WITH ONE
ONLY and set by RESET. Writing a
“0” to this bit has no effect. STOP is
cleared by setting either INIT or
STRT. CSR
3 must be reloaded
when the STOP bit is set.
01
STRT
START enables the C-LANCE to
send and receive packets, perform
direct memory access, and do buffer
management. The STOP bit must be
set prior to setting the STRT bit. Set-
ting STRT clears the STOP bit.
STRT is READ/WRITE and is set
with one only. Writing a “0” into this
bit has no effect. STRT is cleared by
RESET or by setting the STOP bit.
00
INIT
INITIALIZE, when set, causes the
C-LANCE to begin the initialization
procedure and access the Initializa-
tion Block. The STOP bit must be set
prior to setting the INIT bit. Setting
INIT clears the STOP bit.
INIT is READ/WRITE WITH “1”
ONLY. Writing a “0” into this bit has
no effect. INIT is cleared by
RESET
or by setting the STOP bit.
The C-LANCE latches CSR
0 during
a slave read; therefore, the CSR
0
status bits are guaranteed to be sta-
ble for the duration of the CSR
0
access.
Control and Status Register 1 (CSR1)
READ/WRITE:
Accessible only when the STOP bit
of CSR
0 is a ONE and RAP = 01.
The C-LANCE preserves the con-
tents of CSR
1 after STOP.
‘0’
15
1 0
IADR
(15:01)
17881B-16
Bit
Name
Description
15:01
IADR
The low order 15 bits of the address
of the first word (lowest address) in
the Initialization Block.
00
Must be zero.
Control and Status Register 2 (CSR2)
READ/WRITE:
Accessible only when the STOP bit
of CSR
0 is a ONE and RAP = 10.
The C-LANCE preserves the con-
tents of CSR
2 after STOP.
15
0
IADR (23:16)
17881B-17
87
RES
Bit
Name
Description
15:08
RES
Reserved. Read as zeroes. Write as
zeroes.
07:00
IADR
The high order 8 bits of the address
of the first word (lowest address) in
the initialization Block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com