Electronic Components Datasheet Search
  English  ▼

X  

AM79C90 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 19Page - Advanced Micro Devices AM79C90 Datasheet HTML 20Page - Advanced Micro Devices AM79C90 Datasheet HTML 21Page - Advanced Micro Devices AM79C90 Datasheet HTML 22Page - Advanced Micro Devices AM79C90 Datasheet HTML 23Page - Advanced Micro Devices AM79C90 Datasheet HTML 24Page - Advanced Micro Devices AM79C90 Datasheet HTML 25Page - Advanced Micro Devices AM79C90 Datasheet HTML 26Page - Advanced Micro Devices AM79C90 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
P R E L I M I N A R Y
AMD
23
Am79C90
Control and Status Register 3 (CSR3)
CSR3 allows redefinition of the Bus Master interface.
READ/WRITE:
Accessible only when the STOP bit
of CSR
0 is ONE and RAP = 11.
CSR
3 is cleared by RESET or by
setting the STOP bit in CSR
0.
15
0
2 1
3
BCON
ACON
BSWP
RES
17881B-18
Bit
Name
Description
15:03
RES
Reserved. Read as zeroes. Write as
zeroes.
02
BSWP
BYTE SWAP allows the chip to oper-
ate in systems that consider bits
(15:08) of data to be pointed at an
even address and bits (07:00) to be
pointed at an odd address.
When BSWP = 1, the C-LANCE will
swap the high and low bytes on DMA
data transfers between the Receive
FIFO and bus memory. Only data
from the Receive FIFO transfers is
swapped; the Initialization Block
data and the Descriptor Ring entries
are NOT swapped.
BSWP is READ/WRITE and cleared
by
RESET or by setting the STOP bit
in CSR
0.
01
ACON
ALE CONTROL defines the asser-
tive state of ALE when the C-LANCE
is a Bus Master. ACON is READ/
WRITE and cleared by
RESET and
by setting the STOP bit in CSR
0.
ACON
ALE
0
Asserted HIGH
1
Asserted LOW
00
BCON
BYTE CONTROL redefines the Byte
Mask and Hold l/O pins. BCON is
READ/WRITE
and
cleared
by
RESET or by setting the STOP bit in
CSR
0.
BCON
Pin 16
Pin 15 Pin 17
0
BM1
BM0
HOLD
1
BUSAKO BYTE BUSRQ
All data transfers from the C-LANCE in the Bus Master
mode are in words. However, the C-LANCE can handle
odd address boundaries and/or packets with an odd
number of bytes.
Initialization
Initialization Block
Chip initialization includes the reading of the initializa-
tion block in memory to obtain the operating parame-
ters. The following is a definition of the Initialization
Block.
The Initialization Block is read by the C-LANCE when
the INIT bit in CSR0 is set. The INIT bit should be set be-
fore or concurrent with the STRT bit to insure proper pa-
rameter initialization and chip operation. After the
C-LANCE has read the Initialization Block, IDON is set
in CSR0 and an interrupt is generated if INEA = 1.
Higher Address
TLEN–TDR (23:16)
IADR +22
TDRA (15:00)
IADR +20
RLEN–RDRA (23:16) IADR +18
RDRA (15:00)
IADR +16
LADRF (63:48)
IADR +14
LADRF (47:32)
IADR +12
LADRF (31:16)
IADR +10
LADRF (15:00)
IADR +08
PADR (47:32)
IADR +06
PADR (31:16)
IADR +04
PADR (15:00)
IADR +02
Base Address of Block MODE
IADR +00
Mode
The Mode Register allows alteration of the C-LANCE’s
operating parameters. Normal operation is with the
Mode Register clear.
DRX
DTX
LOOP
DTCR
COLL
DRTY
INTL
15
0
2 1
3
4
6 5
7
RES
PROM
14
17881B-19
8
EMBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com