Electronic Components Datasheet Search
  English  ▼

X  

AM79C90 Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 47Page - Advanced Micro Devices AM79C90 Datasheet HTML 48Page - Advanced Micro Devices AM79C90 Datasheet HTML 49Page - Advanced Micro Devices AM79C90 Datasheet HTML 50Page - Advanced Micro Devices AM79C90 Datasheet HTML 51Page - Advanced Micro Devices AM79C90 Datasheet HTML 52Page - Advanced Micro Devices AM79C90 Datasheet HTML 53Page - Advanced Micro Devices AM79C90 Datasheet HTML 54Page - Advanced Micro Devices AM79C90 Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
AMD
51
Am79C90
640
C(1) = C(1) XOR 1: C(2) = C(2) XOR 1: C(4) = C(4) XOR 1
650
C(5) = C(5) XOR 1: C(7) = C(7) XOR 1: C(8) = C(8) XOR 1
660
C(10) = C(10) XOR 1: C(11) = C(11) XOR 1: C(12) = C(12) XOR 1
670
C(16) = C(16) XOR 1: C(22) = C(22) XOR 1: C(23) = C(23) XOR 1
680
C(26) = C(26) XOR 1
690
C(0) = 1
700
NEXT N
710
REM
720
REM CRC COMPUTATION COMPLETE, EXTRACT HASH NUMBER FROM C(0) TO C(5)
730
REM
740
HH=32*C(0)+16*C(1)+8*C(2)+4*C(3)+2*C(4)+C(5)
750
PRINT “THE HASH NUMBER FOR ”;
760
PRINT A$(0); “ ”; A$(1); “ ”; A$(2); “ ”; A$(3); “ ”; A$(4); “ ”; A$(5);
770
PRINT “IS”; HH
780
GOTO 210
Program example in C to generate the hash filter, for multicast addressing in the C-LANCE.
/************************************************************
* hash.c
Rev 0.1
* Generate a logical address filter value from a list of
* Ethernet multicast addresses.
*
* Input:
*
User is prompted to enter an Ethernet address in
*
Ethernet hex format: First octet entered is the first
*
octet to appear on the line. LSB of most
*
significant octet is the first bit on the line.
*
Octets are separated by blanks.
*
After results are printed, user is prompted for
*
another address.
*
*
(Note that the first octet transmitted is stored in
*
the C-LANCE as the least significant byte of the Physical
*
Address Register.)
* Output:
*
After each address is entered, the program prints the
*
hash code for the last address and the cumulative
*
address filter function. The filter function is
*
printed as 8 hex bytes, least significant byte first.
****************************************************************/
#include <stdio.h>
void updateCRC (int bit);
int adr[6],
/* Ethernet address */
ladrf[8], /* Logical address filter */
CRC[33],
/* CRC register, 1 word/bit + extra control bit */
poly[] =
/* CRC polynomial. poly[n] = coefficient of
the x**n term of the CRC generator polynomial. */
{1,1,1,0, 1,1,0,1,
1,0,1,1, 1,0,0,0,
1,0,0,0, 0,0,1,1,
0,0,1,0, 0,0,0,0
};
void main()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com