Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 197 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 197 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 193Page - Advanced Micro Devices AM79C978 Datasheet HTML 194Page - Advanced Micro Devices AM79C978 Datasheet HTML 195Page - Advanced Micro Devices AM79C978 Datasheet HTML 196Page - Advanced Micro Devices AM79C978 Datasheet HTML 197Page - Advanced Micro Devices AM79C978 Datasheet HTML 198Page - Advanced Micro Devices AM79C978 Datasheet HTML 199Page - Advanced Micro Devices AM79C978 Datasheet HTML 200Page - Advanced Micro Devices AM79C978 Datasheet HTML 201Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 261 page
background image
Am79C978
197
TBR19: 10BASE-T PHY Management Extension
Register (Register 19)
Table 76 contains the PHY Management Extension
Register (Register 19) bits.
Table 76.
TBR19: 10BASE-T PHY Management Extension Register (Register 19)
Reserved Register: 10BASE-T Configuration
Register (Register 22)
This register is reserved.
Reserved Register: 10BASE-T Carrier Status
Register (Register 23)
This register is reserved.
TBR24: 10BASE-T Summary Status Register
(Register 24)
The Summary Status register is a global register con-
taining status information. This register is Read/Only
and represents the most important data which a single
register access can convey. The Summary Status reg-
ister indicates the following: Link Status, Full-Duplex
Status, Auto-Negotiation Alert, and Speed. See Table
77.
Table 77.
TBR24: 10BASE-T Summary Status Register (Register 24)
Bits
Name
Description
Read/Write
Default Value
Soft Reset
15:6
Reserved
Write as 0; ignore on read
RO
0
0
5
Mgmt Frame Format
1 = last management frame was
invalid (opcode error, etc.) 0 = last
management frame was valid
RO
0
0
4-0
PHY Address
PHY Address defaults to 11110
RO
11110
Retains
Previous Value
Bit(s)
Name
Description
Read/
Write
H/W or Soft
Reset
15-4
Reserved
Write as 0; Ignore on Read
0
0
3Link Status
1 = Link Status is up
0 = Link Status is down
R/O
0
2
Full-Duplex
Operating in Full-Duplex mode
Operating in Half-Duplex mode
R/O
0
1
AutoNEG
Alert
1 = AutoNEG status has changed
0 = AutoNEG status unchanged
R/O
0
0
Speed
1 = Operating at 100 Mbps
0 = Operating at 10 Mbps
R/O
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com