Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C978 Datasheet HTML 1Page - Advanced Micro Devices AM79C978 Datasheet HTML 2Page - Advanced Micro Devices AM79C978 Datasheet HTML 3Page - Advanced Micro Devices AM79C978 Datasheet HTML 4Page - Advanced Micro Devices AM79C978 Datasheet HTML 5Page - Advanced Micro Devices AM79C978 Datasheet HTML 6Page - Advanced Micro Devices AM79C978 Datasheet HTML 7Page - Advanced Micro Devices AM79C978 Datasheet HTML 8Page - Advanced Micro Devices AM79C978 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 261 page
background image
Publication# 22206
Rev: D Amendment/0
Issue Date: November 1999
Rf
t AMD’ W b it(
d
) f
thl t t i fti
Am79C978
PCnet™- Home
Single-Chip 1/10 Mbps PCI Home Networking Controller
DISTINCTIVE CHARACTERISTICS
n Fully integrated 1 Mbps HomePNA Physical
Layer (PHY) as defined by Home Phoneline
Networking Alliance (HomePNA) specification
1.1
— Optimized for home networking applications
over ordinary telephone wire
— In-band control features:
Adjustable power and speed levels
32 bits of reserved in-band messaging piggy-
backed on Ethernet packet
— Register programmable features:
Power control
Performance registers
Speed control
Major frame timing parameters programma-
ble: ISBI, AID ISBI, pulse width, inter-symbol
time
n Fully integrated 10 Mbps PHY interface
— Comprehensive Auto-Negotiation
implementation
— Full-duplex capability
— Optimized for 10BASE-T applications
n Integrated Fast Ethernet controller for the
Peripheral Component Interconnect (PCI) bus
— 32-bit glueless PCI host interface
— Supports PCI clock frequency from DC to
33 MHz independent of network clock
— Supports network operation with PCI clock
from 15 MHz to 33 MHz
— High performance bus mastering
architecture with integrated Direct Memory
Access (DMA) Buffer Management Unit for
low CPU and bus utilization
— PCI draft specification revision 2.2 compliant
— Supports PCI Subsystem/Subvendor ID/
Vendor ID programming through the
EEPROM interface
— Supports both PCI 5.0-V and 3.3-V signaling
environments
— Plug and Play compatible
— Supports an unlimited PCI burst length
— Big endian and little endian byte alignments
supported
— Implements optional PCI power management
event (PME) pin
n Dual-speed CSMA/CD (10 Mbps and 100 Mbps)
Media Access Controller (MAC) compliant with
IEEE/ANSI 802.3 Ethernet standard
n Media Independent Interface (MII) for
connecting external 10/100 Mbps transceivers
— IEEE 802.3u compliant MII
— Intelligent Auto-Poll™ external PHY status
monitor and interrupt
— Supports both auto-negotiable and non-
auto-negotiable external PHYs
— Supports 10BASE-T, 100BASETX/FX,
100BASET4, and 100BASET2 IEEE 802.3
compliant MII PHYs at full-duplex or half-
duplex
n Full-duplex operation supported on the MII port
with independent Transmit (TX) and Receive
(RX) channels
n Supports PC98 and Net PC specifications
— Implements full OnNow features including
pattern matching and link status wake-up
events
— Implements Magic Packet™ mode
— Magic Packet mode and the physical address
loaded from EEPROM at power up without
requiring PCI clock
— Supports PCI Bus Power Management
Interface specification revision 1.1
— Supports Advanced Configuration and
Power Interface (ACPI) specification version
1.0
— Supports Network Device Class Power
Management specification version 1.0a


Similar Part No. - AM79C978

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C978A AMD-AM79C978A Datasheet
3Mb / 256P
Single-Chip 1/10 Mbps PCI Home Networking Controller
AM79C978AKCW AMD-AM79C978AKCW Datasheet
3Mb / 256P
Single-Chip 1/10 Mbps PCI Home Networking Controller
AM79C978AVCW AMD-AM79C978AVCW Datasheet
3Mb / 256P
Single-Chip 1/10 Mbps PCI Home Networking Controller
More results

Similar Description - AM79C978

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
AM79C978A AMD-AM79C978A Datasheet
3Mb / 256P
Single-Chip 1/10 Mbps PCI Home Networking Controller
AM79C901A AMD-AM79C901A Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
logo
Bothhand USA, LP.
HR003S BOTHHAND-HR003S Datasheet
39Kb / 1P
HOME LAN NETWORKING & 10 /100 -T XFMER
HR003X BOTHHAND-HR003X Datasheet
33Kb / 1P
HOME LAN NETWORKING & 10 /100 -T XFMER
logo
PCA ELECTRONICS INC.
EPB5035G PCA-EPB5035G_07 Datasheet
23Kb / 1P
Home Phone Networking
logo
Texas Instruments
TNETE110 TI1-TNETE110 Datasheet
347Kb / 24P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
TNETE110A TI1-TNETE110A Datasheet
357Kb / 24P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
TNETE110PM TI1-TNETE110PM Datasheet
380Kb / 26P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com