Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 80Page - Advanced Micro Devices AM79C978 Datasheet HTML 81Page - Advanced Micro Devices AM79C978 Datasheet HTML 82Page - Advanced Micro Devices AM79C978 Datasheet HTML 83Page - Advanced Micro Devices AM79C978 Datasheet HTML 84Page - Advanced Micro Devices AM79C978 Datasheet HTML 85Page - Advanced Micro Devices AM79C978 Datasheet HTML 86Page - Advanced Micro Devices AM79C978 Datasheet HTML 87Page - Advanced Micro Devices AM79C978 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 261 page
background image
84
Am79C978
EEPROM Interface
The controller contains a built-in capability for reading
and writing to an external serial 93C46 EEPROM. This
built-in capability consists of an interface for direct con-
nection to a 93C46 compatible EEPROM, an automatic
EEPROM read feature, and a user-programmable reg-
ister that allows direct access to the interface pins.
Automatic EEPROM Read Operation
Shortly after the deassertion of the RST pin, the con-
troller will read the contents of the EEPROM that is at-
tached to the interface. Because of this automatic-read
capability of the controller, an EEPROM can be used to
program many of the features of the controller at
power-up, allowing system-dependent configuration in-
formation to be stored in the hardware instead of inside
the device driver.
If an EEPROM exists on the interface, the controller will
read th e EEPROM contents at the end of the
H_RESET operation. The EEPROM contents will be
serially shifted into a temporary register and then sent
to various register locations on board the controller. Ac-
cess to the Am79C978 configuration space or any I/O
resource is not possible during the EEPROM read op-
eration. The controller will terminate any access at-
tempt with the assertion of DEVSEL and STOP while
TRDY is not asserted, signaling to the initiator to dis-
connect and retry the access at a later time.
A checksum verification is performed on the data that
is read from the EEPROM. If the checksum verification
passes, PVALID (BCR19, bit 15) will be set to 1. If the
checksum verification of the EEPROM data fails,
PVALID will be cleared to 0, and the controller will force
all EEPROM-programmable BCR registers back to
their H_RESET default values. However, the content of
the Address PROM locations (offsets 0h - Fh from the
I/O or memory mapped I/O base address) will not be
cleared. The 8-bit checksum for the entire 82 bytes of
the EEPROM should be FFh.
If no EEPROM is present at the time of the automatic
read operation, the controller will recognize this condi-
tion, abort the automatic read operation, and clear both
the PREAD and PVALID bits in BCR19. All EEPROM-
programmable BCR registers will be assigned their de-
fault values after H_RESET. The content of the Ad-
dress PROM locations (offsets 0h - Fh from the I/O or
memory mapped I/O base address) will be undefined.
EEPROM Auto-Detection
The controller uses the EESK/LED1 pin to determine if
an EEPROM is present in the system. At the rising
edge of CLK during the last clock during which RST is
asserted, the controller will sample the value of the
EESK/LED1 pin. If the sampled value is a 1, then the
controller assumes that an EEPROM is present, and
the EEPROM read operation begins shortly after the
RST pin is deasserted. If the sampled value of EESK/
LED1 is a 0, the controller assumes that an external
pull-down device is holding the EESK/LED1 pin low, in-
dicating that there is no EEPROM in the system. Note
that if the designer creates a system that contains an
LED circuit on the EESK/LED1 pin, but has no EE-
PROM present, then the EEPROM auto-detection
function will incorrectly conclude that an EEPROM is
present in the system. However, this will not pose a
problem for the controller, since the checksum verifica-
tion will fail.
Direct Access to the Interface
The user may directly access the port through the
EEPROM register, BCR19. This register contains bits
that can be used to control the interface pins. By per-
forming an appropriate sequence of accesses to
BCR19, the user can effectively write to and read from
the EEPROM. This feature may be used by a system
configuration utility to program hardware configuration
information into the EEPROM.
EEPROM-Programmable Registers
The following registers contain configuration informa-
tion that will be programmed automatically during the
EEPROM read operation:
n I/O offsets 0h-Fh Address PROM locations
n BCR2
Miscellaneous Configuration
n BCR4
LED0 Status
n BCR5
LED1 Status
n BCR6
LED2 Status
n BCR7
LED3 Status
n BCR9
Full-Duplex Control
n BCR18
Burst and Bus Control
n BCR22
PCI Latency
n BCR23
PCI Subsystem Vendor ID
n BCR24
PCI Subsystem ID
n BCR25
SRAM Size
n BCR26
SRAM Boundary
n BCR27
SRAM Interface Control
n BCR32
PHY Control and Status
n BCR33
PHY Address
n BCR35
PCI Vendor ID
n BCR36
PCI Power Management Capa-
bilities (PMC) Alias Register
n BCR37
PCI DATA Register 0 (DATA0)
Alias Register
n BCR38
PCI DATA Register 1 (DATA1)
Alias Register
n BCR39
PCI DATA Register 2 (DATA2)
Alias Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com