Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 214 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 214 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 210Page - Advanced Micro Devices AM79C978 Datasheet HTML 211Page - Advanced Micro Devices AM79C978 Datasheet HTML 212Page - Advanced Micro Devices AM79C978 Datasheet HTML 213Page - Advanced Micro Devices AM79C978 Datasheet HTML 214Page - Advanced Micro Devices AM79C978 Datasheet HTML 215Page - Advanced Micro Devices AM79C978 Datasheet HTML 216Page - Advanced Micro Devices AM79C978 Datasheet HTML 217Page - Advanced Micro Devices AM79C978 Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 261 page
background image
214
Am79C978
1 Mbps HomePNA PHY Management Registers
Table 92.
1 Mbps HomePNA PHY Management Registers (HPRs)
Register
Address
Symbol
Name
Default Value After
H_RESET
0
HPR0
MII Control Register
0400h
1
HPR1
MII Status Register
0841h
2
HPR2
MII PHY_ID Register
0000h
3
HPR3
MII PHY_ID Register
6B90h
4
HPR4
Auto-Negotiation Register
0021h
5
HPR5
Auto-Negotiation Register
0000h
6
HPR6
Auto-Negotiation Register
0000h
7
HPR7
Auto-Negotiation Register
0000h
8-15
HPR8-HPR15
Reserved
--
16
HPR16
PHY Control Register
0005h
17
HPR17
Status and Control
--
18
HPR18
PHY TXCOMM Register
0000h
19
HPR19
PHY TXCOMM Register
0000h
20
HPR20
PHY RXCOMM Register
0000h
21
HPR21
PHY RXCOMM Register
0000h
22
HPR22
PHY AID Register
0000h
23
HPR23
PHY Noise Control Register
04FFh
24
HPR24
PHY Noise Control 2 Register
F4xxh
25
HPR25
PHY Noise Statistics Register
04D0h
26
HPR26
Event Status Register
0000h
27
HPR27
AID Control Register
1440h
28
HPR28
ISBI Control Register
2C1Ch
29
HPR29
TX Control Register
0444h
30
HPR30
Drive Level Control
x549h
31
HPR31
Analog Control
C000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com