Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 220 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 220 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 216Page - Advanced Micro Devices AM79C978 Datasheet HTML 217Page - Advanced Micro Devices AM79C978 Datasheet HTML 218Page - Advanced Micro Devices AM79C978 Datasheet HTML 219Page - Advanced Micro Devices AM79C978 Datasheet HTML 220Page - Advanced Micro Devices AM79C978 Datasheet HTML 221Page - Advanced Micro Devices AM79C978 Datasheet HTML 222Page - Advanced Micro Devices AM79C978 Datasheet HTML 223Page - Advanced Micro Devices AM79C978 Datasheet HTML 224Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 261 page
background image
220
Am79C978
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature. . . . . . . . . . . . . -65
°C to +70°C
Supply voltage
with respect to VSSB, VSS . . . . . . . . . –0.3 V to 3.63 V
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Function-
ality at or above these limits is not implied. Exposure to
Absolute Maximum Ratings for extended periods may
affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) . . . . . . . . . . . . . . . . . .0
°C to +70°C
Supply Voltages
(VDD, VDDR, VDD_PCI) . . . . . . . . . . . . . . . +3.3 V ±10%
All inputs within the range: . . . . . . VSS - 0.5 V to 5.5 V
Operating ranges define those limits between which
the functionality of the device is guaranteed.
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES unless otherwise
specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Digital I/O (Non-PCI Pins)
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VOL
Output LOW Voltage
IOL1 = 4 mA
IOL2 = 6 mA
IOL3 = 12 mA (Note 1)
0.4
V
VOH
Output HIGH Voltage (Notes 2, 3)
IOH1 = -4 mA
IOH2 = -2 mA
(Note 3)
2.4
V
IOZ
Output Leakage Current (Note 4)
0 V <VOUT <VDD
-10
10
µA
IIX
Input Leakage Current (Note 5)
0 V <VIN <VDD
-10
10
µA
IIL
Input LOW Current (Note 6)
VIN = 0 V; VDD = 3.6 V
-200
-10
µA
IIH
Input HIGH Current (Note 6)
VIN = 2.7 V; VDD = 3.6 V
-50
10
µA
PCI Bus Interface - 5 V Signaling
VIH
Input HIGH Voltage
2.0
5.5
V
VIL
Input LOW Voltage
-0.5
0.8
V
IOZ
Output Leakage Current (Note 4)
0 V <VIN < VDD_PCI
-10
10
µA
IIL
Input LOW Current
VIN = 0.5 V
--
-70
µA
IIH
Input HIGH Current
VIN = 2.7 V
--
70
µA
IIX_PME
Input Leakage Current (Note 7)
0 V = < VIN < 5.5 V
-1
1
µA
VOH
Output HIGH Voltage (Note 2)
IOH = -2 mA
2.4
V
VOL
Output LOW Voltage
IOL4 = 3 mA
IOL2 = 6 mA (Note 1)
0.55
V
PCI Bus Interface - 3.3 V Signaling
VIH
Input HIGH Voltage
0.5 VDD_PCI
VDD_PCI +
0.5
V
VIL
Input LOW Voltage
-0.5
0.3 VDD_PCI
V
IOZ
Output Leakage Current (Note 4)
0 V < VOUT < VDD_PCI
-10
10
µA
IIL
Input LOW Current
VIN = 2.7 V
-10
10
µA
IIH
Input HIGH Current
VIN = 2.7 V
-10
10
µA
IIX_PME
Input Leakage Current (Note 7)
0 V = < VIN < 3.6 V
-1
1
µA
VOH
Output HIGH Voltage (Note 2)
IOH = -500 µA
2.4
V
VOL
Output LOW Voltage
IOL = 1500 µA
0.1 VDD_PCI
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com