Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 106Page - Advanced Micro Devices AM79C978 Datasheet HTML 107Page - Advanced Micro Devices AM79C978 Datasheet HTML 108Page - Advanced Micro Devices AM79C978 Datasheet HTML 109Page - Advanced Micro Devices AM79C978 Datasheet HTML 110Page - Advanced Micro Devices AM79C978 Datasheet HTML 111Page - Advanced Micro Devices AM79C978 Datasheet HTML 112Page - Advanced Micro Devices AM79C978 Datasheet HTML 113Page - Advanced Micro Devices AM79C978 Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 261 page
background image
110
Am79C978
10
D2_SPT
D2 Support. If this bit is a 1, this
function supports the D2 Power
Management State.
This bit is read only.
9
D1_SPT
D1 Support. If this bit is a 1, this
function supports the D1 Power
Management State.
This bit is read only.
8-6
AUX_CURRENT
Auxiliary Current Requirements.
This
3-bit
field
reports
the
3.3Vaux current requirements for
the PCI function. If the Data Reg-
ister has been implemented by
this function, then reads of this
field must return a value of 000b
and the Data Register will take
precedence over this field for
3.3Vaux current requirement re-
porting.
If PME generation from D3cold is
not supported by the function
(PMC (15) = 0), this field must re-
turn a value of 000b when read.
For functions that support PME
from D3cold and do not implement
the Data Register, the following
bit assignments apply:
These bits are read only.
5
DSI
Device
Specific
Initialization.
When this bit is 1, it indicates that
special initialization of the func-
tion is required (beyond the stan-
dard PCI configuration header)
before the generic class device
driver is able to use it.
This bit is read only.
4
RES
Reserved location.
3
PME_CLK
PME Clock. When this bit is a 1,
it indicates that the function relies
on the presence of the PCI clock
for PME operation. When this bit
is a 0 it indicates that no PCI
clock is required for the function
to generate PME.
Functions that do not support
PME generation in any state
must return 0 for this field.
This bit is read only.
2-0
PMIS_VER Power
Management
Interface
Specification Version. A value of
001b indicates that this function
complies with revision 1.0 of the
PCI Power Management Inter-
face Specification.
PCI Power Management Control/Status Register
(PMCSR)
Offset 44h
Bit
Name
Description
15
PME_STATUS PME Status. This bit is set when
the function would normally as-
sert the PME signal independent
of the state of the PME_EN bit.
Writing a 1 to this bit will clear it
and cause the function to stop as-
serting a PME (if enabled). Writ-
ing a 0 has no effect.
If the function supports PME from
D3cold, then this bit is sticky and
must be explicitly cleared by the
operating system each time the
operating system is initially load-
ed.
This bit is always read/write ac-
cessible. Sticky bit. This bit is re-
set
by
POR.
H_RESET,
S_RESET, or setting the STOP
bit has no effect.
Bit
8 7 6
3.3Vaux
Max. Current Required
1 1 1
375 mA
1 1 0
320 mA
1 0 1
270 mA
1 0 0
220 mA
0 1 1
160 mA
0 1 0
100 mA
0 0 1
55 mA
0 0 0
0 (self-powered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com