Electronic Components Datasheet Search
  English  ▼

X  

MACH211SP-7VC Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # MACH211SP-7VC
Description  High-Density EE CMOS Programmable Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH211SP-7VC Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button MACH211SP-7VC Datasheet HTML 22Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 23Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 24Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 25Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 26Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 27Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 28Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 29Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
26
MACH211SP-7/10/12/15/20
SWITCHING WAVEFORMS
Notes:
1. VT = 1.5 V.
2. Input pulse amplitude 0 V to 3.0 V.
3. Input rise and fall times 2 ns–4 ns typical.
20405B-15
20405B-16
Input Register Clock Width
Input Latch Gate Width
tWICH
Clock
VT
tWICL
Input
Latch
Gate
tWIGL
VT
20405B-17
20405B-18
Asynchronous Reset
Asynchronous Preset
VT
VT
tARW
VT
tAR
Input, I/O, or
Feedback
Registered
Output or
Latched
Output
Clock or
Input Latch
Gate
tARR
Input, I/O,
or Feedback
VT
VT
tAPW
VT
tAP
tAPR
Registered
Output or
Latched
Output
Clock or
Input Latch
Gate
20405B-19
Output Disable/Enable
VT
VT
Outputs
tER
tEA
VOH – 0.5 V
VOL + 0.5 V
Input, I/O, or
Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com