Electronic Components Datasheet Search
  English  ▼

X  

MACH211SP-7VC Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # MACH211SP-7VC
Description  High-Density EE CMOS Programmable Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH211SP-7VC Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button MACH211SP-7VC Datasheet HTML 27Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 28Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 29Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 30Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 31Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 32Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 33Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 34Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
MACH211SP-7/10/12/15/20
31
POWER-UP RESET
The MACH devices have been designed with the capa-
bility to reset during system power-up. Following
power-up, all flip-flops will be reset to LOW. The output
state will depend on the logic polarity. This feature pro-
vides extra flexibility to the designer and is especially
valuable in simplifying state machine initialization. A
timing diagram and parameter table are shown below.
Due to the synchronous operation of the power-up
reset and the wide range of ways VCC can rise to its
steady state, two conditions are required to insure a
valid power-up reset. These conditions are:
1. The VCC rise must be monotonic.
2. Following reset, the clock input must not be driven
from LOW to HIGH until all applicable input and
feedback setup times are met.
Parameter Symbol
Parameter Descriptions
Max
Unit
tPR
Power-Up Reset Time
10
µs
tS
Input or Feedback Setup Time
See Switching Characteristics
tWL
Clock Width LOW
20405B-23
Power-Up Reset Waveform
tPR
tWL
tS
4 V
VCC
Power
Registered
Output
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com