Electronic Components Datasheet Search
  English  ▼

X  

7D680K Datasheet(PDF) 41 Page - World Produts Inc.

Part # 7D680K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D680K Datasheet(HTML) 41 Page - World Produts Inc.

Back Button 7D680K Datasheet HTML 37Page - World Produts Inc. 7D680K Datasheet HTML 38Page - World Produts Inc. 7D680K Datasheet HTML 39Page - World Produts Inc. 7D680K Datasheet HTML 40Page - World Produts Inc. 7D680K Datasheet HTML 41Page - World Produts Inc. 7D680K Datasheet HTML 42Page - World Produts Inc. 7D680K Datasheet HTML 43Page - World Produts Inc. 7D680K Datasheet HTML 44Page - World Produts Inc. 7D680K Datasheet HTML 45Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 39
VZ53 Series — Dimensions
Straight Leads
Part Number Suffix “K”
90° Bend Leads
Part Number Suffix “KQ”
D
H
T
d
S
D
H
T
0 .7mm
±0 .05mm
(0 .028"
± .002")
0 .7mm
±0 .05mm
(0 .028"
± .002")
3 .8mm
±0 .1mm
(0 .15"
± .004")
9 .5mm
±0 .3mm
(0 .37"
± .012")
9 .5mm
±0 .3mm
(0 .37"
± .012")
*10 .1mm
Typ .
(0 .40")
3 .55mm
±0 .25mm
(0 .14"± .001")
25 .4mm ±0 .5mm
(1" ±0 .02")
25 .4mm ±0 .5mm
(1" ±0 .02")
16 .0mm
0 .5mm
(0 .62"
0 .02")
8 .0mm ±0 .5mm
(0 .315" ±0 .02")
7mm Max
(0 .275")
7mm Max
(0 .275")
2 .54mm Typ .
(0 .1")
PartNumber
D max.
H max.
T max.
S ±.7mm (±.03”)
d
W
VZ53D201
61
(2 .4)
61
(2 .4)
7 .5 ( .30)
2 .5 ( .10)
5 .7±1 .0 ( .22± .04)
1 .41±0 .50 ( .056± .02)
VZ53D221
7 .5 ( .30)
2 .5 ( .10)
5 .5±1 .0 ( .22± .04)
1 .55±0 .50 ( .061± .02)
VZ53D241
7 .5 ( .30)
2 .8 ( .10)
5 .4±1 .0 ( .21± .04)
1 .72±0 .50 ( .068± .02)
VZ53D271
8 .5 ( .33)
2 .8 ( .10)
5 .2±1 .0 ( .20± .04)
1 .87±0 .50 ( .074± .02)
VZ53D301
8 .7 ( .34)
3 .0 ( .12)
5 .0±1 .0 ( .20± .04)
2 .10±0 .50 ( .08± .02)
VZ53D331
9 .0 ( .35)
3 .1 ( .12)
4 .8±1 .0 ( .19± .04)
2 .32±0 .50 ( .091± .02)
VZ53D361
9 .0 ( .35)
3 .3 ( .13)
4 .6±1 .0 ( .18± .04)
2 .56±0 .50 ( .1± .02)
VZ53D391
9 .0 ( .35)
3 .6 ( .14)
4 .4±1 .0 ( .17± .04)
2 .74±0 .50 ( .108± .02)
VZ53D431
9 .0 ( .35)
3 .6 ( .14)
4 .2±1 .0 ( .165± .04)
3 .05±0 .50 ( .12± .02)
VZ53D471
9 .7 ( .38)
3 .8 ( .15)
4 .2±1 .0 ( .165± .04)
3 .29±0 .50 ( .13± .02)
VZ53D511
9 .7 ( .38)
3 .8 ( .15)
4 .0±1 .0 ( .16± .04)
3 .60±0 .50 ( .14± .02)
VZ53D561
9 .7 ( .38)
4 .3 ( .17)
4 .0±1 .0 ( .16± .04)
4 .43±0 .50 ( .174± .02)
VZ53D621
9 .7 ( .38)
4 .3 ( .17)
3 .9±1 .0 ( .15± .04)
4 .43±0 .50 ( .174± .02)
VZ53D681
9 .7 ( .38)
4 .6 ( .18)
3 .6±1 .0 ( .14± .04)
4 .74±0 .50 ( .187± .02)
VZ53D751
10 .5 ( .41)
4 .6 ( .18)
3 .3±1 .0 ( .13± .04)
5 .23±0 .50 ( .206± .02)
VZ53D781
10 .5 ( .41)
4 .8 ( .19)
3 .1±1 .0 ( .12± .04)
5 .41±0 .50 ( .21± .02)
VZ53D821
10 .5 ( .41)
5 .1 ( .20)
2 .9±1 .0 ( .11± .04)
5 .82±0 .50 ( .23± .02)
VZ53D911
11 .5 ( .45)
5 .6 ( .22)
2 .5±1 .0 ( .10± .04)
6 .44±0 .50 ( .25± .02)
VZ53D951
11 .5 ( .45)
5 .6 ( .22)
2 .3±1 .0 ( .09± .04)
6 .74±0 .50 ( .265± .02)
VZ53D102
11 .5 ( .45)
5 .8 ( .23)
2 .1±1 .0 ( .08± .04)
7 .13±0 .50 ( .28± .02)
VZ53D112
11 .5 ( .45)
6 .4 ( .25)
2 .1±1 .0 ( .08± .04)
7 .76±0 .50 ( .306± .02)
VZ53D122
12 .6 ( .50)
7 .0 ( .28)
1 .5±1 .0 ( .06± .04)
8 .49±0 .50 ( .334± .02)
Uncoated Disk
Part Number Suffix “KR”
AG ELECTRODE
W
53.87mm ± 0.50
(2.12" ± 0.02)
AG ELECTRODE
ZINC OXIDE
DISK
Note: All drawings with leads
are right side oriented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com